Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4821 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP4821
Description  12-Bit DACs with Internal VREF and SPI??Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4821 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP4821 Datasheet HTML 16Page - Microchip Technology MCP4821 Datasheet HTML 17Page - Microchip Technology MCP4821 Datasheet HTML 18Page - Microchip Technology MCP4821 Datasheet HTML 19Page - Microchip Technology MCP4821 Datasheet HTML 20Page - Microchip Technology MCP4821 Datasheet HTML 21Page - Microchip Technology MCP4821 Datasheet HTML 22Page - Microchip Technology MCP4821 Datasheet HTML 23Page - Microchip Technology MCP4821 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MCP4821/MCP4822
DS21953A-page 20
© 2005 Microchip Technology Inc.
6.5
Single-Supply Operation
The MCP482X devices are Rail-to-Rail (R-R) input and
output DACs designed to operate with a VDD range of
2.7V to 5.5V. Its output amplifier is robust enough to
drive common, small-signal loads directly, thus eliminat-
ing the cost and size of an external buffer for most
applications.
6.5.1
DC SET POINT OR CALIBRATION
A common application for a DAC with the MCP482X
family’s performance is a digitally-controlled set point
and/or calibration of variable parameters, such as sen-
sor offset or slope. 12-bit resolution provides 4096 out-
put steps. If G = 1 is selected, then the internal 2.048
VREF would produce 500 µV of resolution. If G = 2 is
selected, the internal 2.048 VREF would produce 1 mV
of resolution.
6.5.1.1
Decreasing The Output Step Size
If the application is calibrating the threshold of a diode,
transistor or resistor tied to AVSS, a threshold range of
0.8V may be desired to provide 200 µV resolution. Two
common methods to achieve a 0.8V range is to either
reduce VREF to 0.82V (would require MCP492X device
and external voltage reference) or use a voltage divider
on the DAC’s output. Typically, when using a low-
voltage VREF, the noise floor causes SNR error that is
intolerable. The voltage divider method provides some
advantages when VREF needs to be very low or when
the desired output voltage is not available. Using two
resistors to scale the output range down to the precise
desired level is a simple, low-cost method to achieve
very small step sizes. Example 6-1 illustrates this
concept. Note that the bypass capacitor on the output
of the voltage divider plays a critical function in
attenuating the output noise of the DAC and the
induced noise from the environment.
The
MCP482X
family’s
low
±0.75
(max.)
DNL
performance is critical to meeting calibration accuracy
in production.
EXAMPLE 6-1:
Set Point or Threshold Calibration.
MCP482X
VDD
SPI™
3
VTRIP
R1
R2
0.1 uF
Comparator
G = Gain select (1x or 2x)
D = Digital value of DAC (0 – 4096)
V
OUT
2.048 G
D
2
12
---------
⋅
=
VCC+
VCC–
VOUT
V
trip
V
OUT
R
2
R
1
R
2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
=
VDD
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com