Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551-E/MS Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3551-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551-E/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3551-E/MS Datasheet HTML 22Page - Microchip Technology MCP3551-E/MS Datasheet HTML 23Page - Microchip Technology MCP3551-E/MS Datasheet HTML 24Page - Microchip Technology MCP3551-E/MS Datasheet HTML 25Page - Microchip Technology MCP3551-E/MS Datasheet HTML 26Page - Microchip Technology MCP3551-E/MS Datasheet HTML 27Page - Microchip Technology MCP3551-E/MS Datasheet HTML 28Page - Microchip Technology MCP3551-E/MS Datasheet HTML 29Page - Microchip Technology MCP3551-E/MS Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2007 Microchip Technology Inc.
DS21950D-page 27
MCP3550/1/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3550-50:
Single Channel 22-Bit Delta-Sigma ADC
MCP3550T-50: Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
MCP3550-60:
Single Channel 22-Bit Delta-Sigma ADC
MCP3550T-60: Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
MCP3551:
Single Channel 22-Bit Delta-Sigma ADC
MCP3551T:
Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
MCP3553:
Single Channel 22-Bit Delta-Sigma ADC
MCP3553T:
Single Channel 22-Bit Delta-Sigma ADC
(Tape and Reel)
Temperature Range:
E
= -40°C to +125°C
Package:
MS = Plastic MSOP, 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP3550-50-E/MS: Extended Temp.,
8LD MSOP.
b)
MCP3550/1T-50E/MS:Tape and Reel,
Extended Temp.,
8LD MSOP.
c)
MCP3550-60-E/SN: Extended Temp.,
8LD SOIC.
d)
MCP3550/1T-60E/SN:Tape and Reel,
Extended Temp.,
8LD SOIC.
a)
MCP3551-E/MS:
Extended Temp.,
8LD MSOP.
b)
MCP3551T-E/MS:
Tape and Reel,
Extended Temp.,
8LD MSOP.
c)
MCP3553-E/SN:
Extended Temp.,
8LD SOIC.
d)
MCP3553T-E/SN:
Tape and Reel,
Extended Temp.,
8LD SOIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com