Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4822-E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP4822-E/P
Description  12-Bit DACs with Internal VREF and SPI??Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4822-E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP4822-E/P Datasheet HTML 13Page - Microchip Technology MCP4822-E/P Datasheet HTML 14Page - Microchip Technology MCP4822-E/P Datasheet HTML 15Page - Microchip Technology MCP4822-E/P Datasheet HTML 16Page - Microchip Technology MCP4822-E/P Datasheet HTML 17Page - Microchip Technology MCP4822-E/P Datasheet HTML 18Page - Microchip Technology MCP4822-E/P Datasheet HTML 19Page - Microchip Technology MCP4822-E/P Datasheet HTML 20Page - Microchip Technology MCP4822-E/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21953A-page 17
MCP4821/MCP4822
5.0
SERIAL INTERFACE
5.1
Overview
The MCP482X family is designed to interface directly
with the SPI port, available on many microcontrollers,
and supports Mode 0,0 and Mode 1,1. Commands and
data are sent to the device via the SDI pin, with data
being clocked-in on the rising edge of SCK. The
communications are unidirectional and, thus, data
cannot be read out of the MCP482X devices. The CS
pin must be held low for the duration of a write com-
mand. The write command consists of 16 bits and is
used to configure the DAC’s control and data latches.
Register 5-1 details the input registers used to
configure and load the DACA and DACB registers.
Refer
to
Figure 1-1
and
the
AC
Electrical
Characteristics tables for detailed input and output tim-
ing specifications for both Mode 0,0 and Mode 1,1
operation.
5.2
Write Command
The write command is initiated by driving the CS pin
low, followed by clocking the four configuration bits and
the 12 data bits into the SDI pin on the rising edge of
SCK. The CS pin is then raised, causing the data to be
latched into the selected DAC’s input registers. The
MCP482X devices utilize a double-buffered latch struc-
ture to allow both DACA’s and DACB’s outputs to be
synchronized with the LDAC pin, if desired. Upon the
LDAC pin achieving a low state, the values held in the
DAC’s input registers are transferred into the DACs’
output registers. The outputs will transition to the value
and held in the DACX register.
All writes to the MCP482X devices are 16-bit words.
Any clocks past 16 will be ignored. The most signifi-
cant four bits are configuration bits. The remaining 12
bits are data bits. No data can be transferred into the
device with CS high. This transfer will only occur if 16
clocks have been transferred into the device. If the
rising edge of CS occurs prior, shifting of data into the
input registers will be aborted.
REGISTER 5-1:
WRITE COMMAND REGISTER
bit 15
A/B: DACA or DACB Select bit
1
=
Write to DACB
0
=
Write to DACA
bit 14
—
Don’t Care
bit 13
GA: Output Gain Select bit
1
=1x (VOUT = VREF * D/4096)
0
=2x (VOUT = 2 * VREF * D/4096)
bit 12
SHDN: Output Power-down Control bit
1
=
Output Power-down Control bit
0
=
Output buffer disabled, Output is high-impedance
bit 11-0
D11:D0: DAC Data bits
12-bit number “D” which sets the output value. Contains a value between 0 and 4095.
Upper Half:
W-x
W-x
W-x
W-0
W-x
W-x
W-x
W-x
A/B
—
GA
SHDN
D11
D10
D9
D8
bit 15
bit 8
Lower Half:
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
D7
D6
D5
D4
D3
D2
D1
D0
bit 7
bit 0
Legend
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com