Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP23017T-E/SS
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP23017T-E/SS Datasheet HTML 29Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 30Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 31Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 32Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 33Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 34Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 35Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 36Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 33
MCP23017/MCP23S17
FIGURE 2-6:
SPI OUTPUT TIMING
CS
SCK
SO
8
13
MSB out
LSB out
2
14
Don’t Care
SI
Mode 1,1
Mode 0,0
9
12
TABLE 2-3:
SPI INTERFACE AC CHARACTERISTICS
SPI Interface AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp)
4.5V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1)
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Clock Frequency
FCLK
—
—
5
MHz
1.8V–5.5V (I-Temp)
—
—
10
MHz
2.7V–5.5V (I-Temp)
—
—
10
MHz
4.5V–5.5V (E-Temp)
1CS Setup Time
TCSS
50
—
—
ns
2CS Hold Time
TCSH
100
—
—
ns
1.8V–5.5V (I-Temp)
50
—
—
ns
2.7V–5.5V (I-Temp)
50
—
—
ns
4.5V–5.5V (E-Temp)
3CS Disable Time
TCSD
100
—
—
ns
1.8V–5.5V (I-Temp)
50
—
—
ns
2.7V–5.5V (I-Temp)
50
—
—
ns
4.5V–5.5V (E-Temp)
4
Data Setup Time
TSU
20
—
—
ns
1.8V–5.5V (I-Temp)
10
—
—
ns
2.7V–5.5V (I-Temp)
10
—
—
ns
4.5V–5.5V (E-Temp)
5
Data Hold Time
THD
20
—
—
ns
1.8V–5.5V (I-Temp)
10
—
—
ns
2.7V–5.5V (I-Temp)
10
—
—
ns
4.5V–5.5V (E-Temp)
6
CLK Rise Time
TR
——
2
µs
Note 1
7
CLK Fall Time
TF
——
2
µs
Note 1
8
Clock High Time
THI
90
—
—
ns
1.8V–5.5V (I-Temp)
45
—
—
ns
2.7V–5.5V (I-Temp)
45
—
—
ns
4.5V–5.5V (E-Temp)
Note 1: This parameter is characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com