Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73811 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73811
Description  Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73811 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73811 Datasheet HTML 9Page - Microchip Technology MCP73811 Datasheet HTML 10Page - Microchip Technology MCP73811 Datasheet HTML 11Page - Microchip Technology MCP73811 Datasheet HTML 12Page - Microchip Technology MCP73811 Datasheet HTML 13Page - Microchip Technology MCP73811 Datasheet HTML 14Page - Microchip Technology MCP73811 Datasheet HTML 15Page - Microchip Technology MCP73811 Datasheet HTML 16Page - Microchip Technology MCP73811 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 2007 Microchip Technology Inc.
DS22036A-page 13
MCP73811/2
6.0
APPLICATIONS
The MCP73811/2 is designed to operate in conjunction
with a host microcontroller or in stand-alone
applications. The MCP73811/2 provides the preferred
charge algorithm for Lithium-Ion and Lithium-Polymer
cells Constant-current followed by Constant-voltage.
Figure 6-1 depicts a typical stand-alone application
circuit,
while
Figures 6-2
and 6-3
depict
the
accompanying charge profile.
FIGURE 6-1:
Typical Application Circuit.
FIGURE 6-2:
Typical Charge Profile
(180 mAh Battery).
FIGURE 6-3:
Typical Charge Profile in
Thermal Regulation (1000 mAh Battery).
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant-current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The preferred fast charge current for Lithium-Ion cells
is at the 1C rate, with an absolute maximum current at
the 2C rate. For example, a 500 mAh battery pack has
a preferred fast charge current of 500 mA. Charging at
this rate provides the shortest charge cycle times
without degradation to the battery pack performance or
life.
CE
VDD
VSS
PROG
VBAT
+
-
Single
Li-Ion
Cell
4
MCP73812
5
3
1
CIN
Li-Ion Battery Charger
2
RPROG
COUT
REGULATED
WALL CUBE
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (s)
0
20
40
60
80
100
120
MCP73812/IOT
VDD = 5.2V
RPROG = 10 kΩ
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (s)
0
100
200
300
400
500
600
MCP738312
VDD = 5.2V
RPROG = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com