Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1403T-E/P Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1403T-E/P
Description  4.5A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1403T-E/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1403T-E/P Datasheet HTML 14Page - Microchip Technology MCP1403T-E/P Datasheet HTML 15Page - Microchip Technology MCP1403T-E/P Datasheet HTML 16Page - Microchip Technology MCP1403T-E/P Datasheet HTML 17Page - Microchip Technology MCP1403T-E/P Datasheet HTML 18Page - Microchip Technology MCP1403T-E/P Datasheet HTML 19Page - Microchip Technology MCP1403T-E/P Datasheet HTML 20Page - Microchip Technology MCP1403T-E/P Datasheet HTML 21Page - Microchip Technology MCP1403T-E/P Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2007 Microchip Technology Inc.
DS22022B-page 19
MCP1403/4/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1403:
4.5A Dual MOSFET Driver, Inverting
MCP1403T: 4.5A Dual MOSFET Driver, Inverting
(Tape and Reel)
MCP1404:
4.5A Dual MOSFET Driver, Non-Inverting
MCP1404T: 4.5A Dual MOSFET Driver, Non-Inverting
(Tape and Reel)
MCP1405:
4.5A Dual MOSFET Driver, Complementary
MCP1405T: 4.5A Dual MOSFET Driver, Complementary
(Tape and Reel)
Temperature Range:
E
=
-40°C to +125°C
Package: *
MF
= Dual, Flat, No-Lead (6x5 mm Body), 8-lead
P
= Plastic DIP, (300 mil body), 8-lead
SN
= Plastic SOIC (150 mil Body), 8-Lead
SO
= Plastic SOIC (Wide), 16-Lead
* All package offerings are Pb Free (Lead Free)
Examples:
a)
MCP1403-E/SN: 4.5A Dual Inverting
MOSFET Driver,
8LD SOIC package.
b)
MCP1403-E/P:
4.5A Dual Inverting
MOSFET Driver,
8LD PDIP package.
c)
MCP1403-E/MF: 4.5A Dual Inverting
MOSFET Driver,
8LD DFN package.
d)
MCP1403-E/SO: 4.5A Dual Inverting
MOSFET Driver,
16LD SOIC package.
a)
MCP1404T-E/SN: Tape and Reel.
4.5A Dual Non-Inverting,
MOSFET Driver,
8LD SOIC package,
b)
MCP1404-E/P:
4.5A Dual Non-Inverting,
MOSFET Driver,
8LD PDIP package.
a)
MCP1405-E/SN: 4.5A Dual Complementary,
MOSFET Driver,
8LD SOIC package.
b)
MCP1405-E/P:
4.5A Dual Complementary,
MOSFET Driver,
8LD PDIP package.
c)
MCP1405T-E/SO: Tape and Reel,
4.5A Dual Complementary
MOSFET Driver,
16LD SOIC package.
PART NO.
X
XX
Package
Temperature
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com