Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140A-I/P Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2140A-I/P
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140A-I/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2140A-I/P Datasheet HTML 17Page - Microchip Technology MCP2140A-I/P Datasheet HTML 18Page - Microchip Technology MCP2140A-I/P Datasheet HTML 19Page - Microchip Technology MCP2140A-I/P Datasheet HTML 20Page - Microchip Technology MCP2140A-I/P Datasheet HTML 21Page - Microchip Technology MCP2140A-I/P Datasheet HTML 22Page - Microchip Technology MCP2140A-I/P Datasheet HTML 23Page - Microchip Technology MCP2140A-I/P Datasheet HTML 24Page - Microchip Technology MCP2140A-I/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 21
MCP2140A
2.10.2
IMPROVING THROUGHPUT
Actual maximum throughput is dependent on several
factors, including:
• Characteristics of the Primary device
• Characteristics of the MCP2140A
• IrDA standard protocol overhead
• Direction of Data Transmitted
2.10.2.1
Characteristics of the Primary
Device and the MCP2140A
While the characteristics of the MCP2140A are fixed,
the characteristics of the Primary Device may be made
better, or worse, depending on the implementation of
the Primary Device’s application program.
IrDA Standard protocol overhead limits the maximum
throughput to much less then the 9600 baud bit rate.
2.10.2.2
IrDA Standard Protocol Overhead
The IrDA standard specifies how the data is passed
between the Primary device and Secondary device. In
IrCOMM, an additional 8 bytes are used by the protocol
for each packet transfer. In the IrCOMM 9-wire
“cooked” service class, 4 bytes of the 64 byte payload
are overhead bytes. That leaves a maximum of
60 bytes that can be transferred per “frame”.
The most significant factor in data throughput is how
well the data frames are filled. If only 1 byte is sent at a
time, the throughput overhead of the IrCOMM protocol
is 89% (see Table 2-1). The best way to maximize
throughput is to align the amounts of data with the
receive buffer (IR and Host UART) packet size of the
MCP2140A.
TABLE 2-1:
IRCOMM OVERHEAD %
2.10.2.3
Direction of Data Transmitted
Due to the different characteristics of the Primary
Device and the Secondary Device, the data throughput
between two devices may be substantially different
depending on the direction the data is being trans-
ferred. This is shown in Table 2-4.
MCP2140A to Primary Device
One of the factors to improve throughput is to ensure
the Host Controller keeps the MCP2140A UART
Receive Buffer full (60 bytes) to maximize the data
bytes sent per IR frame. Figure 2-10 shows the CTS
waveform, what the state of the buffers can be and the
operation of the Host UART and IR interfaces.
A second is to minimize the turn around response time
from the Primary device, if possible.
Primary Device to MCP2140A
In this case, ensure that the Host Controller can receive
data as fast as possible from the MCP2140A without
requiring to force the RTS high and delay the data from
being received by the Host Controller.
2.10.2.4
From the Primary Device
The MCP2140A uses a fixed IR Receiver data block
size of 64 bytes.
The minimum size frame the Primary device can
respond with is 6 bytes.
2.10.2.5
From the MCP2140A
The MCP2140A uses a fixed Host UART Receiver data
block size of 60 bytes.
2.11
Turnaround Latency
An IR link can be compared to a one-wire data connec-
tion. The IR transceiver can transmit or receive, but not
both at the same time. A delay of one bit time is
recommended between the time a byte is received and
another byte is transmitted.
2.12
Device ID
The MCP2140A has a fixed Device ID. This Device ID
is “MCP2140A XX”, with the xx indicating the silicon
revision of the device.
MCP2140A
Data
Packet
Size
(Bytes)
IrCOMM
Overhead
(Bytes)
IrCOMM
Overhead
% (1)
Comment
IR Receive
60
8
12 %
Note 2
18
89 %
Host UART
Receive
60
8
12 %
Note 3,
Note 4
18
89 %
Note 1: Overhead % =
Overhead/(Overhead + Data).
2: The maximum number of data bytes in the
IR Receive frame.
3: The maximum number of bytes of the Host
UART Receive buffer.
4: The CTS signal is driven high after the 59
byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com