Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC512-1/P Datasheet(PDF) 21 Page - Microchip Technology

Part # 25LC512-1/P
Description  512 Kbit SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512-1/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button 25LC512-1/P Datasheet HTML 17Page - Microchip Technology 25LC512-1/P Datasheet HTML 18Page - Microchip Technology 25LC512-1/P Datasheet HTML 19Page - Microchip Technology 25LC512-1/P Datasheet HTML 20Page - Microchip Technology 25LC512-1/P Datasheet HTML 21Page - Microchip Technology 25LC512-1/P Datasheet HTML 22Page - Microchip Technology 25LC512-1/P Datasheet HTML 23Page - Microchip Technology 25LC512-1/P Datasheet HTML 24Page - Microchip Technology 25LC512-1/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS22021B-page 21
25AA512/25LC512
8-Lead Plastic Dual Flat, No Lead Package (MF) – 6x5 mm Body [DFN-S]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. Package is saw singulated.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
1.27 BSC
Overall Height
A
0.80
0.85
1.00
Standoff
A1
0.00
0.01
0.05
Contact Thickness
A3
0.20 REF
Overall Length
D
5.00 BSC
Overall Width
E
6.00 BSC
Exposed Pad Length
D2
3.90
4.00
4.10
Exposed Pad Width
E2
2.20
2.30
2.40
Contact Width
b
0.35
0.40
0.48
Contact Length
L
0.50
0.60
0.75
Contact-to-Exposed Pad
K
0.20
–
–
NOTE 2
A1
A
A3
NOTE 1
12
E
N
D
EXPOSED PAD
NOTE 1
2
1
E2
L
N
e
b
K
BOTTOM VIEW
TOP VIEW
D2
Microchip Technology Drawing C04-122B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com