Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/P Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP2140AT-I/P
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/P Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP2140AT-I/P Datasheet HTML 52Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 53Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 54Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 55Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 56Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 57Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 58Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 59Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 57
MCP2140A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP2140A: Infrared Communications Controller
MCP2140AT: Infrared Communications Controller
(Tape and Reel)
Temperature Range
I = -40°C to +85°C
Package
P
= Plastic DIP (300 mil, Body), 18-lead
SO = Plastic SOIC (300 mil, Body), 18-lead
SS
= Plastic SSOP (209 mil, Body), 20-lead
Examples:
a)
MCP2140A-I/P:
Industrial Temp.,
PDIP packaging
b)
MCP2140A-I/SO:
Industrial Temp.,
SOIC package
c)
MCP2140AT-I/SS: Tape and Reel,
Industrial Temp.,
SSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com