Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1703-2502E/CD Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1703-2502E/CD
Description  250 mA, 16V, Low Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703-2502E/CD Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1703-2502E/CD Datasheet HTML 9Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 10Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 11Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 12Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 13Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 14Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 15Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 16Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2007 Microchip Technology Inc.
DS22049A-page 13
MCP1703
6.0
APPLICATION CIRCUITS &
ISSUES
6.1
Typical Application
The MCP1703 is most commonly used as a voltage
regulator. Its low quiescent current and low dropout
voltage make it ideal for many battery-powered
applications.
FIGURE 6-1:
Typical Application Circuit.
6.1.1
APPLICATION INPUT CONDITIONS
6.2
Power Calculations
6.2.1
POWER DISSIPATION
The internal power dissipation of the MCP1703 is a
function of input voltage, output voltage and output
current. The power dissipation, as a result of the
quiescent current draw, is so low, it is insignificant
(2.0 µA x VIN). The following equation can be used to
calculate the internal power dissipation of the LDO.
EQUATION 6-1:
The
maximum
continuous
operating
junction
temperature specified for the MCP1703 is +125°C. To
estimate the internal junction temperature of the
MCP1703, the total internal power dissipation is
multiplied by the thermal resistance from junction to
ambient (R
θ
JA). The thermal resistance from junction to
ambient for the SOT-23A pin package is estimated at
336°C/W.
EQUATION 6-2:
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package maximum
internal power dissipation.
EQUATION 6-3:
EQUATION 6-4:
EQUATION 6-5:
Package Type = SOT-23A
Input Voltage Range = 2.7V to 4.8V
VIN maximum = 4.8V
VOUT typical = 1.8V
IOUT =50 mA maximum
MCP1703
GND
VOUT
VIN
CIN
1µF Ceramic
COUT
1 µF Ceramic
VOUT
VIN
2.7V to 4.8V
1.8V
IOUT
50 mA
P
LDO
V
IN MAX
)
()
V
OUT MIN
()
–
() I
OUT MAX
)
()
×
=
PLDO = LDO Pass device internal power dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
T
JMAX
()
P
TOTAL
R
θ
JA
×
T
AMAX
+
=
Where:
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
R
θ
JA
=
Thermal resistance from junction-
to-ambient
TAMAX = Maximum ambient temperature
P
DMAX
()
T
JMAX
()
T
AMAX
()
–
()
R
θ
JA
---------------------------------------------------
=
Where:
PD(MAX) = Maximum device power dissipation
TJ(MAX) = Maximum continuous junction
temperature
TA(MAX) = Maximum ambient temperature
R
θ
JA
=
Thermal resistance from junction-
to-ambient
T
JRISE
()
P
DMAX
()
R
θ
JA
×
=
Where:
TJ(RISE) = Rise in device junction temperature
over the ambient temperature
PTOTAL = Maximum device power dissipation
R
θ
JA
=
Thermal resistance from junction to
ambient
T
J
T
JRISE
()
T
A
+
=
Where:
TJ = Junction Temperature
TJ(RISE) = Rise in device junction temperature
over the ambient temperature
TA = Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com