Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021-103E/MC Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP4021-103E/MC
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021-103E/MC Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP4021-103E/MC Datasheet HTML 5Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 6Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 7Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 8Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 9Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 10Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 11Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 12Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 9
MCP4021/2/3/4
FIGURE 1-4:
High-Voltage Decrement Timing Waveform.
CS
U/D
tHCUR
tHI
tLO
W
tS
tCSLO
tHUC
tCSHI
tHUC
tHCUF
tS
5V
12V
1/fUD
SERIAL TIMING CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply across the specified operating ranges.
Extended (E): VDD = +2.7V to 5.5V, TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Time
tCSLO
5—
—
µs
CS High Time
tCSHI
500
—
—
ns
U/D High Time
tHI
500
—
—
ns
U/D Low Time
tLO
500
—
—
ns
Up/Down Toggle Frequency
fUD
——
1
MHz
HV U/D to CS Hold Time
tHUC
1.5
—
—
µs
HV CS to U/D Low Setup Time
tHCUF
8—
—
µs
HV CS to U/D High Setup Time
tHCUR
4.5
—
—
µs
Wiper Settling Time
tS
0.5
—
—
µs
2.1 k
Ω, CL = 100 pF
1—
—
µs
5 k
Ω, CL = 100 pF
2—
—
µs
10 k
Ω, CL = 100 pF
10
5
—
µs
50 k
Ω, CL = 100 pF
Wiper Response on Power-up
tPU
—200
—
ns
Internal EEPROM Write Time
twc
—
—
5
ms
@25°C
—
—
10
ms
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com