Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01RT-E/SN Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6G01RT-E/SN
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01RT-E/SN Datasheet(HTML) 3 Page - Microchip Technology

  MCP6G01RT-E/SN Datasheet HTML 1Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 2Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 3Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 4Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 5Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 6Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 7Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 8Page - Microchip Technology MCP6G01RT-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 3
MCP6G01/1R/1U/2/3/4
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per Amplifier
IQ
60
110
170
µA
IO = 0 (Note 2)
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V,
VIN = (0.3V)/G, RL = 100 kΩ to VDD/2, GSEL = VDD/2, and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
RLAD (RF+RG in Figure 4-1) connects VSS, VOUT, and the inverting input of the internal amplifier. Thus, VSS is coupled
to the internal amplifier and the PSRR spec describes PSRR+ only. It is recommended that the VSS pin be tied directly
to ground to avoid noise problems.
2:
IQ includes current in RLAD (typically 0.6 µA at VOUT = 0.3V), and excludes digital switching currents.
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V,
VIN = (0.3V)/G, RL = 100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Frequency Response
-3dB Bandwidth
BW
—
900
—
kHz
G = +1, VOUT < 100 mVP-P (Note 1)
BW
—
350
—
kHz
G = +10, VOUT < 100 mVP-P (Note 1)
BW
—
250
—
kHz
G = +50, VOUT < 100 mVP-P (Note 1)
Gain Peaking
GPK
—
0.3
—
dB
G = +1; VOUT < 100 mVP-P
GPK
—
0
—
dB
G = +10, VOUT < 100 mVP-P
GPK
—
0.7
—
dB
G = +50; VOUT < 100 mVP-P
Total Harmonic Distortion plus Noise
f = 1 kHz, G = +1 V/V
THD+N
—
0.0029
—
%
VOUT = 1.75V ± 1.4VPK, VDD = 5.0V,
BW = 80 kHz
f = 1 kHz, G = +10 V/V
THD+N
—
0.18
—
%
VOUT = 2.5V ± 1.4VPK, VDD = 5.0V,
BW = 80 kHz
f = 1 kHz, G = +50 V/V
THD+N
—
1.3
—
%
VOUT = 2.5V ± 1.4VPK, VDD = 5.0V,
BW = 80 kHz
Step Response
Slew Rate
SR
—
0.50
—
V/µs
G = 1
SR
—
2.3
—
V/µs
G = 10
SR
—
4.5
—
V/µs
G = 50
Noise
Input Noise Voltage
Eni
—9
—
µVP-P f = 0.1 Hz to 10 Hz (Note 2)
Eni
—50
—
µVP-P f = 0.1 Hz to 30 kHz (Note 2)
Input Noise Voltage Density
eni
—38
—
nV/
√Hz G = +1 V/V, f = 10 kHz (Note 2)
eni
—46
—
nV/
√Hz G = +10 V/V, f = 10 kHz (Note 2)
eni
—41
—
nV/
√Hz G = +50 V/V, f = 10 kHz (Note 2)
Input Noise Current Density
ini
—4
—
fA/
√Hz f = 10 kHz
Note 1:
See Table 4-1 for a list of typical numbers and Figure 2-31 for the frequency response versus gain.
2:
Eni and eni include ladder resistance thermal noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com