Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2026AL-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # US2026AL-S08-R
Description  DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2026AL-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button US2026AL-S08-R Datasheet HTML 3Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 4Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 5Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 6Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 7Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 8Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 9Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 10Page - Unisonic Technologies US2026AL-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
US2026A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R502-086.B
TYPICAL CHARACTERISTICS (TJ = 25℃, VIN = 5.0V, unless otherwise specified)
2.1
0
3.5
3.0
0.6
1.2
1.8
4.5
1.5
0.9
0.3
4.0
5.0
Over-Current Limit vs. Input Voltage
5.5
Input Voltage (V)
2.5
6.0
VIL
3.5
3.0
4.5
4.0
5.0
5.5
Input Voltage (V)
2.5
6.0
EN Threshold Voltage vs. Input Voltage
VIH
1.9
1.2
1.4
1.6
1.8
1.7
1.5
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com