Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01RT-E/SL Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6G01RT-E/SL
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01RT-E/SL Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6G01RT-E/SL Datasheet HTML 7Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 8Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 9Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 10Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 11Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 12Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 13Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 14Page - Microchip Technology MCP6G01RT-E/SL Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 11
MCP6G01/1R/1U/2/3/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL =100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
FIGURE 2-13:
Quiescent Current (ISS) in
Shutdown Mode vs. Supply Voltage.
FIGURE 2-14:
Input Bias Current vs.
Temperature.
FIGURE 2-15:
Input Bias Current vs. Input
Voltage.
FIGURE 2-16:
Quiescent Current (ISS) in
Shutdown Mode vs. Temperature.
FIGURE 2-17:
Input Bias Current vs. Input
Voltage.
FIGURE 2-18:
Output Short Circuit Current
vs. Supply Voltage.
-8
-7
-6
-5
-4
-3
-2
-1
0
0.00.5 1.0 1.5 2.02.5 3.03.5 4.04.5 5.05.5
Power Supply Voltage (V)
In Shutdown Mode
VIN = VDD/2
CS = VDD
ISS_SHDN
1
10
100
1,000
55
65
75
85
95
105
115
125
Ambient Temperature (°C)
VDD = 5.5V
VIN = VDD
1
10
100
1,000
10,000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Input Voltage (V)
TA = +85°C
VDD = 5.5V
TA = +125°C
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
In Shutdown Mode
VIN = VDD/2
VDD = 5.5V
VDD = 1.8V
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p
0
5
10
15
20
25
30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com