Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021-202E/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP4021-202E/MS
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021-202E/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP4021-202E/MS Datasheet HTML 17Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 18Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 19Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 20Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 21Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 22Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 23Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 24Page - Microchip Technology MCP4021-202E/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 21
MCP4021/2/3/4
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-37:
50 k
Ω Pot Mode – RW (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 5.5V).
FIGURE 2-38:
50 k
Ω Pot Mode – RW (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 2.7V).
FIGURE 2-39:
50 k
Ω Rheo Mode – RW (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 5.5V).
FIGURE 2-40:
50 k
Ω Rheo Mode – RW (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 2.7V).
0
40
80
120
160
200
0
8
16
24
32
40
48
56
Wiper Setting (decimal)
-0.15
-0.1
-0.05
0
0.05
0.1
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
0
100
200
300
400
500
600
0
8
16
24
32
40
48
56
Wiper Setting (decimal)
-0.1
-0.075
-0.05
-0.025
0
0.025
0.05
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
0
50
100
150
200
0
8
16
24
32
40
48
56
Wiper Setting (decimal)
-0.1
-0.05
0
0.05
0.1
0.15
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
0
100
200
300
400
500
600
0
8
16
24
32
40
48
56
Wiper Setting (decimal)
-1.5
-1
-0.5
0
0.5
1
1.5
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com