Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8706AM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8706AM
Description  6-bit analog-to-digital converter with multiplexer and clamp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706AM Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8706AM Datasheet HTML 1Page - NXP Semiconductors TDA8706AM Datasheet HTML 2Page - NXP Semiconductors TDA8706AM Datasheet HTML 3Page - NXP Semiconductors TDA8706AM Datasheet HTML 4Page - NXP Semiconductors TDA8706AM Datasheet HTML 5Page - NXP Semiconductors TDA8706AM Datasheet HTML 6Page - NXP Semiconductors TDA8706AM Datasheet HTML 7Page - NXP Semiconductors TDA8706AM Datasheet HTML 8Page - NXP Semiconductors TDA8706AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Jul 30
4
Philips Semiconductors
Product specification
6-bit analog-to-digital converter
with multiplexer and clamp
TDA8706A
PINNING
SYMBOL
PIN
DESCRIPTION
SR
1
select input RED
SG
2
select input GREEN
SB
3
select input BLUE
CLP
4
clamping pulse input (positive pulse)
VDDA
5
analog supply voltage
VRB
6
reference voltage BOTTOM input
VSSA
7
analog ground
RED
8
RED input
GREEN
9
GREEN input
BLUE
10
BLUE input
VCLPR
11
RED clamping voltage level input
VCLPB
12
BLUE clamping voltage level input
VCLPG
13
GREEN clamping voltage level input
VSSO
14
digital output ground
D0
15
digital voltage output; bit 0 (LSB)
D1
16
digital voltage output; bit 1
D2
17
digital voltage output; bit 2
D3
18
digital voltage output; bit 3
D4
19
digital voltage output; bit 4
D5
20
digital voltage output; bit 5
VDDO
21
supply voltage for output stage
VSSD
22
digital ground
VDDD
23
digital supply voltage
CLK
24
clock input
Fig.2 Pin configuration.
handbook, halfpage
TDA8706A
MGD132
1
2
3
4
5
6
7
8
9
10
11
12
24 CLK
VDDD
VSSD
VDDO
D5
D4
D3
D2
D1
D0
VSSO
VCLPB
SR
SG
SB
CLP
VDDA
VRB
VSSA
RED
GREEN
BLUE
VCLPR
VCLPG
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com