Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP111-195E/MB Datasheet(PDF) 8 Page - Microchip Technology

Part # MP111-195E/MB
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-195E/MB Datasheet(HTML) 8 Page - Microchip Technology

Back Button MP111-195E/MB Datasheet HTML 4Page - Microchip Technology MP111-195E/MB Datasheet HTML 5Page - Microchip Technology MP111-195E/MB Datasheet HTML 6Page - Microchip Technology MP111-195E/MB Datasheet HTML 7Page - Microchip Technology MP111-195E/MB Datasheet HTML 8Page - Microchip Technology MP111-195E/MB Datasheet HTML 9Page - Microchip Technology MP111-195E/MB Datasheet HTML 10Page - Microchip Technology MP111-195E/MB Datasheet HTML 11Page - Microchip Technology MP111-195E/MB Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP111/112
DS21889D-page 8
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-19:
tRPD vs. Temperature
(MCP111-195).
FIGURE 2-20:
tRPD vs. Temperature
(MCP112-300).
FIGURE 2-21:
tRPD vs. Temperature
(MCP112-475).
FIGURE 2-22:
tRPU vs. Temperature
(MCP111-195).
FIGURE 2-23:
tRPU vs. Temperature
(MCP112-300).
FIGURE 2-24:
tRPU vs. Temperature
(MCP112-475).
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
110
Temperature (°C)
VDD decreasing from:
VTRIP(max) + 0.25V to VTRIP(min) - 0.25V
VDD decreasing from:
5V - 1.7V
VDD decreasing from:
5V - 0V
MCP111-195
0
20
40
60
80
100
120
140
160
-40
-15
10
35
60
85
110
Temperature (°C)
VDD decreasing from:
VTRIP(max) + 0.25V to VTRIP(min) - 0.25V
VDD decreasing from:
5V - 2.7V
VDD decreasing from:
5V - 0V
MCP112-300
0
50
100
150
200
250
-40
-15
10
35
60
85
110
Temperature (°C)
VDD decreasing from:
VTRIP(max) + 0.25V to VTRIP(min) - 0.25V
VDD decreasing from:
5V - 4.4V
VDD decreasing from:
5V - 0V
MCP112-475
0
50
100
150
200
250
300
350
400
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 2.1V
VDD increasing
from: 0V - 5.5V
VDD increasing from:
0V - 2.8V
VDD increasing
from: 0V - 4.0V
MCP111-195
0
20
40
60
80
100
120
140
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 3.1V
VDD increasing from:
0V - 5.5V
VDD increasing from:
0V - 3.3V
VDD increasing from:
0V - 4.0V
MCP112-300
0
50
100
150
200
250
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 4.9V
VDD increasing from:
0V - 5.0V
VDD increasing from:
0V - 5.5V
MCP112-475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com