Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01T-E/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6G01T-E/ST
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6G01T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 18Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 19Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 20Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 21Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 18
© 2006 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
3.1
Analog Output
The output pin (VOUT) is a low impedance voltage
source. The selected gain (G) and input voltage (VIN)
determine its value.
3.2
Analog Input
The analog inputs (VIN) are high impedance CMOS
inputs with low bias currents. Only three fixed, non-
inverting gains are available through these inputs.
3.3
Power Supply (VSS and VDD)
The Positive Power Supply Pin (VDD) is 1.8V to 5.5V
higher than the Negative Power Supply Pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground, and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1 µF) within 2 mm of the VDD pin. These parts need
to use a bulk capacitor (typically 1.0 µF to 10 µF) within
100 mm of the VDD pin; it can be shared with nearby
analog parts.
3.4
Digital Inputs
The Chip Select (CS) input is a Schmitt-triggered,
CMOS logic input.
The Gain Select (GSEL) inputs are tri-level digital
inputs. They function similar to normal logic inputs at
low (G = +10) and high voltages (G = +50). The pin can
also be set to mid-supply (G = +1) by a low impedance
source, or by leaving this pin open.
MCP6G01
(SOIC,
MSOP)
MCP6G01
(SOT-23-5)
MCP6G01R
(SOT-23-5)
MCP6G01U
(SOT-23-5)
MCP6G03
Symbol
Description
61
1
4
6
VOUT
Analog Output
2
4
4
3
2
GSEL
Gain Select Input
33
3
1
3
VIN
Analog Input
75
2
5
7
VDD
Positive Power Supply
42
5
2
4
VSS
Negative Power Supply
——
—
—
8
CS
Chip Select
1,5,8
—
—
—
1,5
NC
No Internal Connection
MCP6G02
MCP6G04
Symbol
Description
11
VOUTA
Analog Output A
2
2
GSELA
Gain Select Input (SGA A)
33
VINA
Analog Input A
84
VDD
Positive Power Supply
55
VINB
Analog Input B
6
6
GSELB
Gain Select Input (SGA B)
77
VOUTB
Analog Output B
—8
VOUTC
Analog Output C
—
9
GSELC
Gain Select Input (SGA C)
—10
VINC
Analog Input C
411
VSS
Negative Power Supply
—12
VIND
Analog Input D
—
13
GSELD
Gain Select Input (SGA D)
—14
VOUTD
Analog Output D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com