Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8708AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8708AT
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8708AT Datasheet HTML 1Page - NXP Semiconductors TDA8708AT Datasheet HTML 2Page - NXP Semiconductors TDA8708AT Datasheet HTML 3Page - NXP Semiconductors TDA8708AT Datasheet HTML 4Page - NXP Semiconductors TDA8708AT Datasheet HTML 5Page - NXP Semiconductors TDA8708AT Datasheet HTML 6Page - NXP Semiconductors TDA8708AT Datasheet HTML 7Page - NXP Semiconductors TDA8708AT Datasheet HTML 8Page - NXP Semiconductors TDA8708AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
June 1994
4
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
PINNING
SYMBOL
PIN
DESCRIPTION
D7
1
data output; bit 7 (MSB)
D6
2
data output; bit 6
D5
3
data output; bit 5
D4
4
data output; bit 4
CLK
5
clock input
VCCD
6
digital supply voltage (+5 V)
VCCO
7
TTL outputs supply voltage (+5 V)
DGND
8
digital ground
OF
9
output format/chip enable
(3-state input)
D3
10
data output; bit 3
D2
11
data output; bit 2
D1
12
data output; bit 1
D0
13
data output; bit 0 (LSB)
I0
14
video input selection bit 0
I1
15
video input selection bit 1
VIN0
16
video input 0
VIN1
17
video input 1
VIN2
18
video input 2
ANOUT
19
analog voltage output
ADCIN
20
analog-to-digital converter input
DEC
21
decoupling input
VCCA
22
analog supply voltage (+5 V)
AGND
23
analog ground
CLAMP
24
clamp capacitor connection
AGC
25
AGC capacitor connection
GATE B
26
black level synchronization pulse
GATE A
27
sync level synchronization pulse
RPEAK
28
peak level current resistor input
Fig.2 Pin configuration.
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA8708A
D7
D6
D5
D4
CLK
VCCD
VCCO
DGND
OF
D3
D2
D1
D0
I0
ADCIN
ANOUT
VIN2
VIN1
VIN0
I1
GATE B
AGC
CLAMP
AGND
VCCA
DEC
RPEAK
GATE A
MBB964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com