Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G66STR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V1G66STR
Description  SINGLE BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G66STR Datasheet(HTML) 4 Page - STMicroelectronics

  74V1G66STR Datasheet HTML 1Page - STMicroelectronics 74V1G66STR Datasheet HTML 2Page - STMicroelectronics 74V1G66STR Datasheet HTML 3Page - STMicroelectronics 74V1G66STR Datasheet HTML 4Page - STMicroelectronics 74V1G66STR Datasheet HTML 5Page - STMicroelectronics 74V1G66STR Datasheet HTML 6Page - STMicroelectronics 74V1G66STR Datasheet HTML 7Page - STMicroelectronics 74V1G66STR Datasheet HTML 8Page - STMicroelectronics 74V1G66STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74V1G66
4/11
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
ANALOG SWITCH CHARACTERISTICS (GND = 0V; TA = 25°C)
(*)Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
310
10
10
pF
CI/O
Output
Capacitance
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
2.5
pF
5.0
3
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion (THD)
3.3(*)
2.75
fIN =1 KHz RL =10 KΩ,CL =50 pF
0.04
%
5.0(**)
40.04
fMAX
Frequency
Response
(Switch ON)
3.3(*)
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL =50Ω,CL =10pF
150
MHz
5.0(**)
180
Feed through
Attenuation
(Switch OFF)
3.3(*)
VIN is centered at VCC/2
Adjust fIN Voltage to obtained 0dBm at VIS
RL = 600Ω,CL =50 pF, fIN =1KHzsinewave
-60
dB
5.0(**)
-60
Crosstalk (Control
Input to Signal
Output)
3.3(*)
RL =600Ω,CL =50pF, fIN = 1KHz square wave
tr =tf = 6ns
60
mV
5.0(**)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com