Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270ALCVRCTR Datasheet(PDF) 18 Page - Microchip Technology

Part # TC1270ALCVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270ALCVRCTR Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC1270ALCVRCTR Datasheet HTML 14Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 15Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 16Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 17Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 18Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 19Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 20Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 21Page - Microchip Technology TC1270ALCVRCTR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 18
© 2007 Microchip Technology Inc.
FIGURE 4-4:
TC1270A Block Diagram.
FIGURE 4-5:
TC1270AN Block Diagram.
FIGURE 4-6:
TC1271A Block Diagram.
4.2
Voltage Detect Circuit
The Voltage Detect Circuit monitors VDD. The device’s
Reset voltage trip point (VTRIP) is selected when the
device is ordered. The voltage on the device’s VDD pin
determines the output state of the RST/RST pin.
VDD voltages above the VTRIP(MAX) force the RST/RST
pin inactive. VDD voltages below the VTRIP(MIN) force
the RST/RST pin active. The state of the RST/RST pin
is unknown for VDD voltages between VTRIP(MAX) and
VTRIP(MIN). This is shown in Table 4-1
TABLE 4-1:
VDD LEVELS TO RST/RST
OUTPUT STATES
The term VTRIP will be used as the general term for the
trip point voltage where the device actually trips.
In the case where VDD is falling (for voltages starting
above VTRIP(MAX)):
• Voltages above VTRIP(MAX) will never cause the
RST/RST output pin to be driven Active.
• Voltages below VTRIP(MIN) will always cause the
RST/RST output pin to be driven Active.
Now in the case where VDD is rising (for voltages
starting below VTRIP(MIN)):
• Voltages above VTRIP(MAX) will always cause the
RST/RST output pin to be driven Inactive, (or
floated - TC1270AN) after the Reset Delay Timer
(tRST), times out.
VDD
Comparator
+
–
Output
Driver
RST
Reference
Noise Filter
MR
Voltage
Delay
(Push-
Pull)
VDD
Comparator
+
–
RST
Reference
VSS
Noise Filter
MR
Voltage
Delay
Output
Driver
(Open-
Drain)
VDD
Comparator
+
–
RST
Reference
Noise Filter
MR
Voltage
Delay
Output
Driver
(Push-
Pull)
VDD Voltage Level
Output State
RST
RST
VDD ≥ VTRIP(MAX)
H (1, 2)
L (1)
VTRIP(MIN) < VDD < VTRIP(MAX)
UU
VDD ≤ VTRIP(MIN)
LH
Legend: H = Driven High
L = Driven Low
U = Unknown, driven either High or Low
Note 1:
The RST/RST pin will be driven inactive
after the Reset Delay Timer (tRST) times
out.
2:
The TC1270AN RST pin will be floated
after the Reset Delay Timer (tRST) times
out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com