Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73831EV Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73831EV
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831EV Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73831EV Datasheet HTML 16Page - Microchip Technology MCP73831EV Datasheet HTML 17Page - Microchip Technology MCP73831EV Datasheet HTML 18Page - Microchip Technology MCP73831EV Datasheet HTML 19Page - Microchip Technology MCP73831EV Datasheet HTML 20Page - Microchip Technology MCP73831EV Datasheet HTML 21Page - Microchip Technology MCP73831EV Datasheet HTML 22Page - Microchip Technology MCP73831EV Datasheet HTML 23Page - Microchip Technology MCP73831EV Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21984B-page 21
MCP73831/2
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP73831:
Single-Cell Charge Controller
MCP73831T:
Single-Cell Charge Controller
(Tape and Reel)
MCP73832
Single-Cell Charge Controller
MCP73832T:
Single-Cell Charge Controller
(Tape and Reel)
Regulation
Voltage:
Code
VREG
2=
3=
4=
5=
4.20V
4.35V
4.40V
4.50V
Options: *
Code
IPREG/IREG
VPTH/VREG ITERM/IREG
VRTH/VREG
AC
AD
AT
DC
10
10
10
100
66.5
66.5
71.5
x
7.5
7.5
20
7.5
96.5
94
94
96.5
* Consult Factory for Alternative Device Options
Temperature
Range:
I=
-40
°C to +85°C (Industrial)
Package:
MC
= Dual-Flat, No-Lead (2x3 mm body), 8-Lead
OT
= Small Outline Transistor (SOT23), 5-Lead
Examples: *
a)
MCP73831-2ACI/OT:
4.20V VREG,
Options AC, 5LD SOT23 Pkg
b)
MCP73831T-2ACI/OT: Tape and Reel,
4.20V VREG, Options AC, 5LD SOT23 Pkg
c)
MCP73832-2ACI/MC: 4.20V VREG,
Options AC, 8LD DFN Package
d)
MCP73832T-2ACI/MC: Tape and Reel,
4.20V VREG, Options AC, 8LD DFN Package
a)
MCP73831-2ATI/OT:
4.20V VREG,
Options AT, 5LD SOT23 Pkg
b)
MCP73831T-2ATI/OT: Tape and Reel,
4.20V VREG, Options AT, 5LD SOT23 Pkg
c)
MCP73832-2ATI/MC:
4.20V VREG,
Options AT, 8LD DFN Package
d)
MCP73832T-2ATI/MC: Tape and Reel,
4.20V VREG, Options AT, 8LD DFN Package
a)
MCP73831-2DCI/OT:
4.20V VREG,
Options DC, 5LD SOT23 Pkg
b)
MCP73831T-2DCI/OT: Tape and Reel,
4.20V VREG, Options DC, 5LD SOT23 Pkg
c)
MCP73832-2DCI/MC: 4.20V VREG,
Options DC, 8LD DFN Package
d)
MCP73832T-2DCI/MC: Tape and Reel,
4.20V VREG, Options DC, 8LD DFN Package
a)
MCP73831-3ACI/OT:
4.35V VREG,
Options AC, 5LD SOT23 Pkg
b)
MCP73831T-3ACI/OT: Tape and Reel,
4.35V VREG, Options AC, 5LD SOT23 Pkg
c)
MCP73832-3ACI/MC: 4.35V VREG,
Options AC, 8LD DFN Package
d)
MCP73832T-3ACI/MC: Tape and Reel,
4.35V VREG, Options AC, 8LD DFN Package
a)
MCP73831-4ADI/OT:
4.40V VREG,
Options AD, 5LD SOT23 Pkg
b)
MCP73831T-4ADI/OT: Tape and Reel,
4.40V VREG, Options AD, 5LD SOT23 Pkg
c)
MCP73832-4ADI/MC: 4.40V VREG,
Options AD, 8LD DFN Package
d)
MCP73832T-4ADI/MC: Tape and Reel,
4.40V VREG, Options AD, 8LD DFN Package
a)
MCP73831-5ACI/OT:
4.50V VREG,
Options AC, 5LD SOT23 Pkg
b)
MCP73831T-5ACI/OT: Tape and Reel,
4.50V VREG, Options AC, 5LD SOT23 Pkg
c)
MCP73832-5ACI/MC: 4.50V VREG,
Options AC, 8LD DFN Package
d)
MCP73832T-5ACI/MC: Tape and Reel,
4.50V VREG, Options AC, 8LD DFN Package
* Consult Factory for Alternate Device Options
PART NO.
Device
X
VREG
/XX
Package
XX
Options
X
Temperature
Range
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com