Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8712T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDF8712T
Description  8-bit digital-to-analog converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8712T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDF8712T Datasheet HTML 1Page - NXP Semiconductors TDF8712T Datasheet HTML 2Page - NXP Semiconductors TDF8712T Datasheet HTML 3Page - NXP Semiconductors TDF8712T Datasheet HTML 4Page - NXP Semiconductors TDF8712T Datasheet HTML 5Page - NXP Semiconductors TDF8712T Datasheet HTML 6Page - NXP Semiconductors TDF8712T Datasheet HTML 7Page - NXP Semiconductors TDF8712T Datasheet HTML 8Page - NXP Semiconductors TDF8712T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
June 1994
3
Philips Semiconductors
Product specification
8-bit digital-to-analog converters
TDA8712; TDF8712
QUICK REFERENCE DATA
Notes
1. D0 to D7 are connected to VCCD and CLK is connected to DGND.
2. The analog output voltages (VOUT and VOUT) are negative with respect to VCCA (see Table 1). The output resistance
between VCCA and each of these outputs is typically 75 Ω.
3. The
−3 dB analog output bandwidth is determined by real time analysis of the output transient at a maximum input
code transition (code 0 to 255).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
TDA8712
4.5
5.0
5.5
V
TDF8712
4.75
5.0
5.25
V
VCCD
digital supply voltage
TDA8712
4.5
5.0
5.5
V
TDF8712
4.75
5.0
5.25
V
ICCA
analog supply current
note 1
20
26
32
mA
ICCD
digital supply current
note 1
16
23
30
mA
∆VOUT(p-p)
full-scale analog output voltage
differences between VOUT and
VOUT (peak-to-peak value)
ZL = 10 kΩ; note 2
−1.45
−1.60
−1.75
V
ZL = 75 Ω; note 2
−0.72
0.80
−0.88
V
ILE
DC integral linear error
−±0.3
±0.5
LSB
DLE
DC differential linearity error
−±0.3
±0.5
LSB
fclk(max)
maximum conversion rate
50
−−
MHz
B
−3 dB analog bandwidth
fclk = 50 MHz; note 3 −
150
−
MHz
Ptot
total power dissipation
TDA8712
160
250
340
mW
TDF8712
170
250
325
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com