Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256-I/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # 24LC256-I/MS
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-I/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button 24LC256-I/MS Datasheet HTML 12Page - Microchip Technology 24LC256-I/MS Datasheet HTML 13Page - Microchip Technology 24LC256-I/MS Datasheet HTML 14Page - Microchip Technology 24LC256-I/MS Datasheet HTML 15Page - Microchip Technology 24LC256-I/MS Datasheet HTML 16Page - Microchip Technology 24LC256-I/MS Datasheet HTML 17Page - Microchip Technology 24LC256-I/MS Datasheet HTML 18Page - Microchip Technology 24LC256-I/MS Datasheet HTML 19Page - Microchip Technology 24LC256-I/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 16
© 2007 Microchip Technology Inc.
6.0
WRITE OPERATIONS
6.1
Byte Write
A byte write operation begins with a Start condition
from the master followed by the four-bit control code
(see Figure 6-1 and Figure 6-2). The next 3 bits are
either the Block Address bits (for devices without
address pins) or the Chip Select bits (for devices with
address pins). Then the master transmitter clocks the
R/W bit (which is a logic low) onto the bus. The slave
then generates an Acknowledge bit during the ninth
clock cycle.
The next byte transmitted by the master is the address
byte (for 128-bit to 16 Kbit devices) or the high-order
address byte (for 32-512 Kbit devices). For 32 through
512 Kbit devices, the high-order address byte is
followed by the low-order address byte. In either case,
each address byte is acknowledged by the 24XX and
the address bits are latched into the internal address
counter of the 24XX.
For the 24XX00 devices, only the lower four address
bits are used by the device. The upper four bits are
“don’t cares.”
After receiving the ACK from the 24XX acknowledging
the final address byte, the master device transmits the
data word to be written into the addressed memory
location. The 24XX acknowledges again and the
master generates a Stop condition, which initiates the
internal write cycle.
If an attempt is made to write to an array with the WP
pin held high, the device will acknowledge the
command, but no write cycle will occur, no data will be
written, and the device will immediately accept a new
command. After a byte Write command, the internal
address counter will increment to the next address
location. During a write cycle, the 24XX will not
acknowledge commands.
FIGURE 6-1:
BYTE WRITE: 128-BIT TO 16 KBIT DEVICES
FIGURE 6-2:
BYTE WRITE: 32 TO 512 KBIT DEVICES
S
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
Address
Byte
Data
A
C
K
A
C
K
A
C
K
Byte
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
High Order
Address Byte
Low Order
Address Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
S
P
Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com