Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8714T/4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8714T/4
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714T/4 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8714T/4 Datasheet HTML 1Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 2Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 3Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 4Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 5Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 6Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 7Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 8Page - NXP Semiconductors TDA8714T/4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Oct 29
2
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
FEATURES
• 8-bit resolution
• Sampling rate up to 80 MHz
• No missing codes guaranteed
• High signal-to-noise ratio over a large analog input
frequency range (7.7 effective bits at 4.43 MHz
full-scale input at fclk = 80 MHz)
• Overflow/underflow 3-state TTL output
• TTL compatible digital inputs
• Low-level AC clock input signal allowed
• External reference voltage regulator
• Power dissipation only 340 mW (typical)
• Low analog input capacitance, no buffer amplifier
required
• No sample-and-hold circuit required.
APPLICATIONS
High-speed analog-to-digital conversion for:
• video data digitizing
• radar pulse analysis
• transient signal analysis
• high energy physics research
•Σ∆ modulators
• medical imaging.
GENERAL DESCRIPTION
The TDA8714 is an 8-bit high-speed Analog-to-Digital
Converter (ADC) for professional video and other
applications. It converts the analog input signal into 8-bit
binary-coded digital words at a maximum sampling rate of
80 MHz. All digital inputs and outputs are TTL compatible,
although a low-level sine wave clock input signal is
allowed.
QUICK REFERENCE DATA
Note
1. Full-scale sine wave (fi = 4.43 MHz; fclk = 80 MHz).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
−
25
30
mA
ICCD
digital supply current
−
27
33
mA
ICCO
output stages supply current
−
16
20
mA
INL
DC integral non-linearity
−±0.4
±0.5
LSB
DNL
DC differential non-linearity
−±0.2
±0.35
LSB
AINL
AC integral non-linearity
note 1
−±0.5
±1.0
LSB
fclk(max)
maximum clock frequency
TDA8714/7
80
−−
MHz
TDA8714/6
60
−−
MHz
TDA8714/4
40
−−
MHz
Ptot
total power dissipation
−
340
435
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com