Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM3505LSH Datasheet(PDF) 2 Page - Reed Semiconductor Corp.

Part # RSM3505LSH
Description  High Efficiency, Non-Isolated, Regulated 12V, 1300W, Digital DC/DC Intermediate Bus Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.

RSM3505LSH Datasheet(HTML) 2 Page - Reed Semiconductor Corp.

  RSM3505LSH Datasheet HTML 1Page - Reed Semiconductor Corp. RSM3505LSH Datasheet HTML 2Page - Reed Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSM3505
DATASHEET
2
Rees Semiconductor Datasheet, All Rights Reserved
Part Number Definition
RSM3505
L
D
H
Product family
RSM3505
Pin length option
L
S=0.11in
N=0.145in
L=0.17in
Pin assignment
option
D
D= with pin1~14
E= no pin4 and pin7
F= no pin8, pin9 and pin14
S= with pin1~14, pin9=Vo- sense, pin14=Vo+ sense+
HSP option
H
H= HSP
O=Open frame, No baseplate
Other option1
Reserved
Other option2
Reserved



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com