Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8714T/6 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8714T/6
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714T/6 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8714T/6 Datasheet HTML 9Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 10Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 11Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 12Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 13Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 14Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 15Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 16Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 Oct 29
13
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
Fig.7 Fast Fourier Transform (fclk = 40 MHz; fi = 4.43 MHz).
Effective bits: 7.80; THD =
−57.82 dB.
Harmonic levels (dB): 2nd =
−68.00; 3rd = −61.54; 4th = −72.46; 5th = −65.80; 6th = −68.88.
handbook, full pagewidth
7.50
0
120
0
2.50
5.00
MBD877
40
80
17.5
10.0
12.5
15.0
20.0
f (MHz)
100
20
60
amplitude
(dB)
Fig.8 Fast Fourier Transform (fclk = 80 MHz; fi = 10 MHz).
Effective bits: 7.27; THD =
−49.23 dB.
Harmonic levels (dB): 2nd =
−56.16; 3rd = −51.01; 4th = −69.84; 5th = −59.10; 6th = −65.34.
handbook, full pagewidth
14.1
0
120
0
4.69
9.39
MBD878
40
80
32.9
18.8
23.5
28.2
37.5
f (MHz)
100
20
60
amplitude
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com