Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C76AT-I/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 93C76AT-I/MS
Description  8K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76AT-I/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 93C76AT-I/MS Datasheet HTML 10Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 11Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 12Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 13Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 14Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 15Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 16Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 17Page - Microchip Technology 93C76AT-I/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796H-page 14
© 2006 Microchip Technology Inc.
Part Number
1st Line Marking Codes
TSSOP
MSOP
DFN
I Temp.
E Temp.
93AA76C
A76C
3A76CT
3B1
—
93LC76C
L76C
3L76CT
3B4
3B5
93C76C
C76C
3C76CT
3B7
3B8
Note:
T = Temperature grade (I, E)
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com