Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8722M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8722M
Description  I2C-bus programmable modulator for negative video modulation and FM sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722M Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8722M Datasheet HTML 1Page - NXP Semiconductors TDA8722M Datasheet HTML 2Page - NXP Semiconductors TDA8722M Datasheet HTML 3Page - NXP Semiconductors TDA8722M Datasheet HTML 4Page - NXP Semiconductors TDA8722M Datasheet HTML 5Page - NXP Semiconductors TDA8722M Datasheet HTML 6Page - NXP Semiconductors TDA8722M Datasheet HTML 7Page - NXP Semiconductors TDA8722M Datasheet HTML 8Page - NXP Semiconductors TDA8722M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1998 Jun 23
3
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
QUICK REFERENCE DATA
VDDA =VDDD =5V; Tamb =25 °C after the IC has reached thermal equilibrium; unless otherwise specified.
Notes
1. Value depends on value of resistor R17 (see Fig.7).
2. Value depends on value of capacitor C17 (see Fig.7).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDD
total supply current
normal mode
41
52
63
mA
∆m
typical modulation depth range
video level (pin 19) = 0.5 V (p-p);
note 1; see Fig.10
65
−
90
%
∆P/S
typical picture-to-sound level
range
note 2; see Fig.11
−18
−−10
dB
VRF
RF output voltage level
asymmetrical on a 75
Ω load
frequency between
471.25 and 855.25 MHz
77
80
83
dB
µV
δf
FM deviation on audio
subcarrier
fi = 400 Hz; V1 = 0.5 V (RMS);
before pre-emphasis filter
20
25
30
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com