Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD1852EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD1852EBZ
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1852EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD1852EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD1852
Rev. A | Page 3 of 20
SPECIFICATIONS
Test conditions, unless otherwise noted.
Table 1.
Parameter
Rating
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25°C
Input Clock
24.576 MHz (512 × fS Mode)
Input Signal
996.11 Hz
−0.5 dB full scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
20 bits
Load Capacitance
100 pF
Load Impedance
47 kΩ
Input Voltage High
2.4 V
Input Voltage Low
0.8 V
ANALOG PERFORMANCE
Table 2.
Parameter1
Min
Typ
Max
Unit
RESOLUTION
24
Bits
SIGNAL-TO-NOISE RATIO (20 Hz TO 20 kHz)
No Filter (Stereo)
112
dB
No Filter (Mono, See Figure 19)
115
dB
With A-Weighted Filter (Stereo)
114
dB
With A-Weighted Filter (Mono)
117
dB
DYNAMIC RANGE (20 Hz To 20 kHz, −60 dB INPUT)
No Filter (Stereo)
107
112
dB
No Filter (Mono, See Figure 24)
115
dB
With A-Weighted Filter (Stereo)
110
114
dB
With A-Weighted Filter (Mono)
117
dB
TOTAL HARMONIC DISTORTION + NOISE (STEREO)
−94
−102
dB
0.00079
%
TOTAL HARMONIC DISTORTION + NOISE (MONO, SEE Figure 20)
−105
dB
0.00056
%
TOTAL HARMONIC DISTORTION + NOISE (STEREO) VO = −20 dB
−92
dB
TOTAL HARMONIC DISTORTION + NOISE (STEREO) VO = −60 dB
−52
dB
ANALOG OUTPUTS
Differential Output Range (±Full Scale)
5.6
V p-p
Output Capacitance at Each Output Pin
2
pF
OUT-OF-BAND ENERGY (0.5 × fS TO 100 kHz)
−90
dB
CMOUT
2.37
V
DC ACCURACY
Gain Error
−10
±2.0
+10
%
Interchannel Gain Mismatch
−0.15
±0.015
+0.15
dB
Gain Drift
150
250
ppm/°C
DC Offset
−50
mV
INTERCHANNEL CROSSTALK (EIAJ METHOD)
−120
dB
INTERCHANNEL PHASE DEVIATION
±0.1
Degrees
MUTE ATTENUATION
−100
dB
DE-EMPHASIS GAIN ERROR
±0.1
dB
1 Performance of right and left channels is identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com