Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8014 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8014
Description  400 MHz Low Power High Performance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8014 Datasheet HTML 2Page - Analog Devices AD8014 Datasheet HTML 3Page - Analog Devices AD8014 Datasheet HTML 4Page - Analog Devices AD8014 Datasheet HTML 5Page - Analog Devices AD8014 Datasheet HTML 6Page - Analog Devices AD8014 Datasheet HTML 7Page - Analog Devices AD8014 Datasheet HTML 8Page - Analog Devices AD8014 Datasheet HTML 9Page - Analog Devices AD8014 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD8014
–6–
VS = 5V
G = +2
VO = 2V p-p
RL = 150
FREQUENCY – MHz
7.5
1
1000
100
10
6.5
7.0
RF = 300
RF = 500
RF = 600
RF = 750
RF = 1k
6.0
3.0
3.5
4.5
5.0
5.5
4.0
Figure 7. Bandwidth vs. Feedback Resistor—Dual Supply
FREQUENCY – MHz
7.5
1
1000
100
10
7.0
6.5
4.0
4.5
5.5
6.0
5.0
VS = +5V
G = +2
VO = 2V p-p
RL = 150
RF = 300
RF = 500
RF = 750
RF = 1k
Figure 8. Bandwidth vs. Feedback Resistor—Single Supply
G = +2
RF = 1k
RL = 1k
VO = 200mV p-p
1
1000
100
10
6.1
6.5
6.2
6.6
VS = 5V
VS = +5V
5.6
6.3
6.7
6.8
6.4
FREQUENCY – MHz
6.0
5.7
5.8
5.9
Figure 9. Gain Flatness—Small Signal
G = +2
V = 2V p-p
RF = 500
RL = 150
FREQUENCY – MHz
1
1000
100
10
5.3
5.8
5.4
5.9
VS = 5V
VS = +5V
6.2
5.2
5.5
5.6
6.0
6.1
5.7
Figure 10. Gain Flatness—Large Signal
VS = ±5V
RF = 1k
RL = 1k
VO = 200mV p-p
1
1000
100
10
–15
–3
–12
0
G = +1
G = +2
9
–18
–9
3
6
–6
G = +10
FREQUENCY – MHz
Figure 11. Bandwidth vs. Gain—Dual Supply, RF = 1 kΩ
VS = +5V
RF = 1k
RL = 1k
VO = 200mV p-p
1
1000
100
10
–15
–3
–12
0
G = +1
G = +2
9
–18
–9
3
6
–6
G = +10
FREQUENCY – MHz
Figure 12. Bandwidth vs. Gain—Single Supply
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com