Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ARTZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8027ARTZ-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ARTZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8027ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 23Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 24Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 25Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 26Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Data Sheet
AD8027/AD8028
APPLICATIONS INFORMATION
analog.com
Rev. E | 24 of 27
USING THE DISABLE/SELECT PIN
The AD8027/AD8028 unique DISABLE/SELECT pin has two func-
tions:
►
The power-down function places the AD8027/AD8028 into low
power consumption mode. In power-down mode, the amplifiers
draw 500 µA maximum of supply current.
►
The second function, as described in the Crossover Selection
section, shifts the crossover point (where the NPN/PNP input
differential pairs transition from one to the other) closer to either
the positive supply rail or the negative supply rail. This selectable
crossover point allows the user to minimize distortion based on
the input signal and environment. The default state is −1.2 V
from the positive power supply, with the DISABLE/SELECT pin
left floating or in tristate mode. In tristate mode, it is important
that current to the pin is limited to ±20 μA maximum.
Table 10 lists the voltage levels and modes of operation for the
DISABLE/SELECT pin over the full temperature range.
Table 10. DISABLE/SELECT Pin Mode Control
Mode
DISABLE/SELECT Pin Voltage (V)
Disable
−VS to –VS + 0.4
Crossover Referenced −1.2 V to
Positive Supply
−VS + 1.1 to –VS +1.3
Crossover Referenced +1.2 V to
Negative Supply
−VS + 2.0 to +VS
When the input stage transitions from one input differential pair
to the other, there is virtually no noticeable change in the output
waveform.
The disable time of the AD8027/AD8028 amplifiers is load depend-
ent. Table 11 lists typical enable/disable times. See Figure 56 and
Figure 57 for the actual switching measurements.
Table 11. DISABLE/SELECT Switching Speeds
Time
Supply Voltages (RL = 1 kΩ)
±5 V
+5 V
+3 V
tON
45 ns
50 ns
50 ns
tOFF
980 ns
1100 ns
1150 ns
DRIVING A 16-BIT ADC
With the adjustable crossover distortion selection point and low
noise, the AD8028 is an ideal amplifier for driving or buffering input
signals into high resolution ADCs such as the AD7677, a 16-bit,
1 LSB INL, 1 MSPS differential ADC. Figure 65 shows the typical
schematic for driving the ADC. The AD8028 driving the AD7677
offers performance close to nonrail-to-rail amplifiers and avoids the
need for an additional supply other than the single 5 V supply
already used by the ADC.
In this application, the DISABLE/SELECT pins are biased to avoid
the crossover region of the AD8028 for low distortion operation.
Table 12 lists summary test data for the schematic shown in Figure
65.
Table 12. ADC Driver Performance, fC = 100 kHz, VOUT = 4.7 V p-p
Parameter
Measurement
Second Harmonic Distortion
−105 dB
Third Harmonic Distortion
−102 dB
Total Harmonic Distortion
−102 dB
SFDR
105 dBc
Figure 65. Unity-Gain Differential Drive
As shown in Figure 66, the AD8028 and AD7677 combination offers
excellent integral nonlinearity (INL).
Figure 66. Integral Nonlinearity
BAND-PASS FILTER
In communication systems, active filters are used extensively in
signal processing. The AD8027/AD8028 are excellent choices for
active filter applications. In realizing this filter, it is important that the
amplifier have a large signal bandwidth of at least 10× the center
frequency, fO. Otherwise, a phase shift can occur in the amplifier,
causing instability and oscillations.
In Figure 67, the AD8027/AD8028 device is configured as a 1 MHz
band-pass filter. The target specifications are fO = 1 MHz and a −3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com