Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK12C68 Datasheet(PDF) 13 Page - Simtek Corporation

Part # STK12C68
Description  8Kx8 AutoStore nvSRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK12C68 Datasheet(HTML) 13 Page - Simtek Corporation

Back Button STK12C68 Datasheet HTML 9Page - Simtek Corporation STK12C68 Datasheet HTML 10Page - Simtek Corporation STK12C68 Datasheet HTML 11Page - Simtek Corporation STK12C68 Datasheet HTML 12Page - Simtek Corporation STK12C68 Datasheet HTML 13Page - Simtek Corporation STK12C68 Datasheet HTML 14Page - Simtek Corporation STK12C68 Datasheet HTML 15Page - Simtek Corporation STK12C68 Datasheet HTML 16Page - Simtek Corporation STK12C68 Datasheet HTML 17Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
STK12C68 (SMD5962-94599)
February 2007
Document Control #ML0008 Rev 0.7
Military Ordering Information
Temperature Range
M = Military (–55 to 125°C)
Access Time
35 = 35ns
55 = 55ns
Package
C = Ceramic 28-pin 300 mil DIP (gold lead finish)
K = Ceramic 28-pin 300 mil DIP (solder dip finish)
L = Ceramic 28 pin LCC
Retention / Endurance
5 = Military (10 years or 105cycles)
Lead Finish
A = Solder DIP lead finish
C = Gold lead DIP finish
X = Lead finish “A” or “C” is acceptable
Case Outline
X = Ceramic 28 pin 300-mil DIP
Y = Ceramic 28 pin LCC
Device Class Indicator - Class M
Device Type
01 = 55ns
03 = 35ns
STK12C68 - 5 C 35 M
5962 - 94599 01 MX X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com