Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP111-240E/TT Datasheet(PDF) 15 Page - Microchip Technology

Part # MP111-240E/TT
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-240E/TT Datasheet(HTML) 15 Page - Microchip Technology

Back Button MP111-240E/TT Datasheet HTML 11Page - Microchip Technology MP111-240E/TT Datasheet HTML 12Page - Microchip Technology MP111-240E/TT Datasheet HTML 13Page - Microchip Technology MP111-240E/TT Datasheet HTML 14Page - Microchip Technology MP111-240E/TT Datasheet HTML 15Page - Microchip Technology MP111-240E/TT Datasheet HTML 16Page - Microchip Technology MP111-240E/TT Datasheet HTML 17Page - Microchip Technology MP111-240E/TT Datasheet HTML 18Page - Microchip Technology MP111-240E/TT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 15
MCP111/112
3-Lead Plastic Small Outline Transistor (MB) (SOT89)
0.56
0.43
.022
.017
B
Lead 2 Width
0.44
0.35
.017
.014
c
Lead Thickness
1.83
1.62
.072
.064
D1
Tab Length
4.60
4.40
.181
.173
D
Overall Length
2.29
2.13
.090
.084
E1
Molded Package Width at Top
4.25
3.94
.167
.155
H
Overall Width
1.60
1.40
.063
.055
A
Overall Height
3.00 BSC
.118 BSC
p1
Outside lead pitch (basic)
1.50 BSC
.059 BSC
p
Pitch
MAX
MIN
MAX
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
shall not exceed .005" (0.127mm) per side.
Notes:
JEDEC Equivalent: TO-243
Drawing No. C04-29
*Controlling Parameter
Foot Length
L
.035
.047
0.89
1.20
Leads 1 & 3 Width
B1
.014
.019
0.36
0.48
Molded Package Width at Base
E
.090
.102
2.29
2.60
Tab Corner Radii
R
0.254
.010
Revised 07-24-03
p1
p
A
C
E
H
D
D1
B1
L
E1
B1
B
1
2
3
R
Dimensions D and E1 do not include mold or flash protrusions. Mold flash or protrusions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com