Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303A-AO2EMFTR Datasheet(PDF) 27 Page - Microchip Technology

Part # TC1303A-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303A-AO2EMFTR Datasheet(HTML) 27 Page - Microchip Technology

Back Button TC1303A-AO2EMFTR Datasheet HTML 23Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 24Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 25Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 26Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 27Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 28Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 29Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 30Page - Microchip Technology TC1303A-AO2EMFTR Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21949B-page 27
TC1303A/TC1303B/TC1303C/TC1304
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
* The MSOP package for this device has not
been qualified at the time of this publication.
Contact your Microchip sales office for
availability.
Second letter represents VOUT1 configuration:
Third letter represents VOUT2 configuration:
Fourth letter represents +50 mV Increments:
10-Lead MSOP*
Example:
11H0
0520
256
Example:
11H0/E
520256
10-Lead DFN
XXXX
YYWW
NNN
— 1 = TC1303B
— 2 = TC1303A
— 3 = TC1303C
— 4 = TC1304
— 1 = 1.375V VOUT1
— H = 2.6V VOUT2
— 0 = Default
XXXXXX
YWWNNN
Code
VOUT1
Code
VOUT1
Code
VOUT1
A3.3V
J
2.4VS1.5V
B3.2VK2.3V
T
1.4V
C3.1V
L
2.2V
U1.3V
D
3.0V
M
2.1V
V
1.2V
E
2.9V
N
2.0V
W
1.1V
F
2.8V
O
1.9V
X
1.0V
G
2.7VP1.8VY0.9V
H
2.6V
Q
1.7V
Z
Adj
I
2.5V
R
1.6V
1
1.375V
Code
VOUT2
Code
VOUT1
Code
VOUT2
A
3.3V
J
2.4V
S
1.5V
B3.2V
K
2.3V
T
—
C3.1V
L
2.2V
U
—
D3.0V
M
2.1V
V
—
E2.9V
N
2.0V
W
—
F2.8V
O
1.9V
X
—
G2.7V
P
1.8V
Y
—
H2.6V
Q
1.7V
Z
—
I2.5V
R
1.6V
Code
Code
0
Default
2
+50 mV to V2
1
+50 mV to V1
3
+50 mV to V1
and V2
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com