Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256-I/MC Datasheet(PDF) 18 Page - Microchip Technology

Part # 24LC256-I/MC
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-I/MC Datasheet(HTML) 18 Page - Microchip Technology

Back Button 24LC256-I/MC Datasheet HTML 14Page - Microchip Technology 24LC256-I/MC Datasheet HTML 15Page - Microchip Technology 24LC256-I/MC Datasheet HTML 16Page - Microchip Technology 24LC256-I/MC Datasheet HTML 17Page - Microchip Technology 24LC256-I/MC Datasheet HTML 18Page - Microchip Technology 24LC256-I/MC Datasheet HTML 19Page - Microchip Technology 24LC256-I/MC Datasheet HTML 20Page - Microchip Technology 24LC256-I/MC Datasheet HTML 21Page - Microchip Technology 24LC256-I/MC Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 18
© 2007 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge commands
during a write cycle, this can be used to determine
when the cycle is complete (This feature can be used
to maximize bus throughput). Once the Stop condition
for a Write command has been issued from the master,
the device initiates the internally timed write cycle. ACK
polling can be initiated immediately. This involves the
master sending a Start condition, followed by the con-
trol byte for a Write command (R/W = 0). If the device
is still busy with the write cycle, then no ACK will be
returned. If no ACK is returned, the Start bit and control
byte must be re-sent. If the cycle is complete, then the
device will return the ACK and the master can then pro-
ceed with the next Read or Write command. See
Figure 7-1 for flow diagram.
FIGURE 7-1:
ACKNOWLEDGE
POLLING FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com