Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8753 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8753
Description  YUV 8-bit analog-to-digital interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8753 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8753 Datasheet HTML 4Page - NXP Semiconductors TDA8753 Datasheet HTML 5Page - NXP Semiconductors TDA8753 Datasheet HTML 6Page - NXP Semiconductors TDA8753 Datasheet HTML 7Page - NXP Semiconductors TDA8753 Datasheet HTML 8Page - NXP Semiconductors TDA8753 Datasheet HTML 9Page - NXP Semiconductors TDA8753 Datasheet HTML 10Page - NXP Semiconductors TDA8753 Datasheet HTML 11Page - NXP Semiconductors TDA8753 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Jan 12
8
Philips Semiconductors
Product specification
YUV 8-bit analog-to-digital interface
TDA8753A
Clamp and references [Iref, DECref(L) and Vref(H)]
ACL
clamping accuracy
Y
−4
−
+1
LSB
U and V
−1
−
+1
LSB
Cclamp
serial clamp capacitor
10
22
−
nF
ZADC
internal impedance between
pin 29 and VSSA
−
420
−Ω
Vref(H)
converter reference HIGH, applied
to pin 29
−
2.38
−
V
VDECref(L)
converter reference voltage LOW,
applied to pin 28
Vref(H) = 2.38 V
−
0.39
−
V
Y analog input (INY); Vref(H) = 2.38 V, Vref(L) = 0.39 V; see Table 4
Vi(p-p)
input voltage, full range
(peak-to-peak value)
ramp input
−
1.26
−
V
Ii
input current
clamp non-active
−
5
100
nA
CI
input capacitance
−−
15
pF
U,V analog inputs (INU and INV); Vref(H) = 2.38 V, Vref(L) = 0.39 V; see Table 4
Vi(p-p)
input voltage (peak-to-peak value) ramp input
−
1.26
−
V
Ii
input current
clamp non-active
−
5
100
nA
CI
input capacitance
−−
15
pF
Inputs isolation
αact
crosstalk between INY, INU and
INV
−−−50
dB
Digital outputs (Y0 to Y7, U1, U0, V1 and V0); see Table 3
VOL
LOW level output voltage
IOL = 1.6 mA
0
−
0.5
V
VOH
HIGH level output voltage
IOH = 0.4 mA
2.4
−
VDDD
V
Analog signal processing (fCLK = 20 MHz)
Gdiff
differential gain
note 2
−
1.5
−
%
Φdiff
differential phase
note 2
−
1.0
−
deg
fall
harmonics (full scale) all
components
note 3; Y
−−53
−
dB
U and V
−−55
−
dB
SVR
supply voltage ripple rejection
note 4
−
2
−
%/V
B
bandwidth
−1 dB; note 5
−
6
−
MHz
Transfer function (fclk = 16 MHz)
INL
integral non-linearity
ramp input
−±0.75
−
LSB
DNL
differential non-linearity
ramp input; Y
−±0.5
±0.75
LSB
ramp input; U and V
−±0.6
±0.9
LSB
SNR
signal-to-noise ratio without
harmonics
note 6; Y
41
44.5
−
dB
U and V
42
46
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com