Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB01DM24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCB01DM24
Description  Timers Asymmetrical Recycler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCB01DM24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCB01DM24 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCB01DM24 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCB01DM24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (15.12.05)
1
Timers
Asymmetrical Recycler
Types DCB01, PCB01
• Time range 0.1 s to 100h
• 4 knob selectable functions
Aa
-
Asymmetrical recycler ON first
Ab
-
Asymmetrical recycler OFF first
Sh
-
One shot time function
Dt
-
Two state delay on operate (2 relays ver-
sions only)
• Selection of time range by DIP switches
• Knob adjustable time setting Automatic start
• Output: 1 or 2 x SPDT relay
• For mounting on DIN rail in accordance with DIN/EN
50 022 or Plug-in
• 22.5 mm Euronorm or 36 mm plug-in module housing
• Combined AC and DC power supply voltage
• LED indication for relay status and power supply ON
Product Description
Combined function timer with
asymmetrical
recycler,
one
shot time and two state delay
on operate functions. Individ-
ual selection of the time
ranges from 0.1 s to 100 h.
For mounting on DIN-rail
(DCB01) or Plug-in (PCB01).
Type Selection
Mounting
Output
Housing
Supply: 24 VDC and 24 to 240 VAC
Supply: 24 to 240 VAC/DC
For DIN-rail
1 x SPDT
D-Housing
DCB 01 C M24
2 x SPDT
DCB 01 D M24
Plug-in
1 x SPDT
P-Housing
PCB 01 C M24
2 x SPDT
PCB 01 D M24
Time Specifications
Output Specifications
Time ranges
Selectable by DIP switches
0.1 to 1 s
1 to 10 s
6 to 60 s
60 to 600 s
0.1 to 1 h
1 to 10 h
10 to 100 h
Setting accuracy
≤ 5%
Repeatability
≤ 0.2%
Time variation
(with respect to full scale
value)
Within rated power supply
≤ 0.2% - whole range
Within ambient temperature
≤ 500 ppm/°C
Reset
Power supply interruption
≥ 200 ms
Output
1 or 2 x SPDT relay
Rated insulation voltage
250 VAC (RMS)
Contact Ratings (AgSnO2)µ
Resistive Loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
< 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (RMS)
Rated impulse
withstand voltage
4 kV (1.2/50 µs)
DCB01
PCB01
Ordering key
DCB 01 C M24
Housing
Function
Type
Item number
Output
Power Supply


Similar Part No. - PCB01DM24

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
PCB01CM24 CARLOGAVAZZI-PCB01CM24 Datasheet
112Kb / 3P
Timers Asymmetrical Recycler
More results

Similar Description - PCB01DM24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
List of Unclassifed Man...
C101024006 ETC2-C101024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
ECCCT23 ETC2-ECCCT23 Datasheet
34Kb / 2P
Timers Asymmetrical Multi Recycler
ECSSM23A10M ETC2-ECSSM23A10M Datasheet
64Kb / 2P
Timers Symmetrical Recycler
logo
Applied Power Microelec...
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
Asymmetrical TVS Diode
ASM1235 APMICRO-ASM1235 Datasheet
479Kb / 5P
Asymmetrical TVS Diode
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
Timers Asymmetrical Recycler
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
Timers Symmetrical Recycler Type ECS
logo
TECH PUBLIC Electronics...
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com