Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI3DIN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DI3DIN
Description  Panel Meters and Controllers AC Ammeter or Voltmeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DI3DIN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DI3DIN Datasheet HTML 1Page - List of Unclassifed Manufacturers DI3DIN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model
Range code
Measurement
Power supply
Setpoints
Options
Specifications are subject to change without notice
1
• 3-dgt µP-based for AC currents or voltages
• Selectable CT/VT primary range
• DIN-rail mounting
• Degree of protection (front): IP 40
Product Description
Ordering Key
DI3-DIN AV5AD0XX
3-dgt µP-based meter with
double input for AC currents
or voltages. With 20 select-
able CV/VT primary ranges.
The housing is for DIN-rail
mounting
and
ensures
a
degree of protection (front) of
IP 40.
Panel Meters and Controllers
AC Ammeter or Voltmeter
Type DI3-DIN AV1/AV5
Type Selection
Power supply
A:
24 VAC, -15% +10%,
50/60 Hz 1)
B:
48 VAC, -15% +10%,
50/60 Hz 1)
C:
115 VAC, -15% +10%,
50/60 Hz 1)
D:
230 VAC, -15% +10%,
50/60 Hz (standard)
Range code
AV1:
1 A/100 V
Standard cur-
rent/voltage
AV5:
5 A/500 V
Standard cur-
rent/voltage
See Range Table
1)
Power supply on request
Operating temperature
0° to 50°C (32° to 122°F)
(R.H. < 90% non-condensing)
Storage temperature
-10° to 60°C (14° to 140°F)
(R.H. < 90% non-condensing)
Insulation reference voltage
300 V
rms
to ground
Dielectric strength
4000 V
rms
for 1 minute
Noise rejection
CMRR
100 dB, 40 to 60 Hz.
EMC
IEC 60801-2, IEC 60801-3,
IEC 60801-4 (level 2),
EN 50 081-1, EN 50 082-1
Safety standards
EN 61 010-1, IEC 61010-1,
VDE 0411
Connector
Screw-type
Housing
Dimensions
89 x 53.5 x 58.5 mm
(3-DIN modules)
Material
ABS, self-extinguish.: UL 94 V-0
Degree of protection
Front: IP 40
Weight
Approx 200 g
Approvals
CE, CSA
General Specifications
Input Specifications
Rated input
5 A/500 VAC, 45 to 400 Hz
(1 A/100 VAC on request)
Overload protection
Cont.
Current:
1.2 x rated input
Voltage:
1.2 x rated input
For 1 s Current:
5 x rated input
Voltage:
2 x rated input
Accuracy
(@ 25°C ± 5°C, R.H.
≤ 60%)
± 0.5% f.s., ± 1 dgt
Temperature drift
± 350 ppm/ºC
Display
7-segment LED, h 14.2 mm,
3 digits
Sampling rate
1 time/s
Indication
Max.
999
Min.
000
500 VAC range
Scale suppressionup to 5% f.s.
Other ranges
Scale suppressionup to 3% f.s.
Over range
EEE
Input range selection
DIP-switch selectable
Decimal point position
DIP-switch selectable
AC supply
230 VAC, -15% +10%,
50/60 Hz (standard)
24 VAC, 48 VAC, 115 VAC,
-15% +10%, 50/60 Hz
(on request)
Power consumption
3.2 VA
Supply Specifications


Similar Part No. - DI3DIN

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DI3DINAV1 CARLOGAVAZZI-DI3DINAV1 Datasheet
64Kb / 2P
Panel Meters and Controllers AC Ammeter or Voltmeter
More results

Similar Description - DI3DIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
Panel Meters and Controllers Panel Meter Modular
DI372AV5 ETC2-DI372AV5 Datasheet
61Kb / 3P
Panel Meters and Controllers AC Ammeter or Voltmeter
Q2000-AVR4 ETC2-Q2000-AVR4 Datasheet
112Kb / 2P
DC Voltmeter, Ammeter, Indicator/ Controller
logo
Asahikeiki Co.,Ltd.
AP-310 ASAHI-AP-310 Datasheet
48Kb / 1P
DC VOLTMETER & AMMETER
logo
Carlo Gavazzi Holding A...
DI372F1K CARLOGAVAZZI-DI372F1K Datasheet
48Kb / 2P
Panel Meters and Controllers Autoranging Frequency Meter
DI3DINAV1 CARLOGAVAZZI-DI3DINAV1 Datasheet
64Kb / 2P
Panel Meters and Controllers AC Ammeter or Voltmeter
DI372AV1 CARLOGAVAZZI-DI372AV1 Datasheet
62Kb / 3P
Panel Meters and Controllers AC Ammeter or Voltmeter
LDI3F1K CARLOGAVAZZI-LDI3F1K Datasheet
53Kb / 2P
Panel Meters and Controllers Autoranging Frequency Meter
LDI3AV6D CARLOGAVAZZI-LDI3AV6D Datasheet
54Kb / 2P
Panel Meters and Controllers DC Ammeter and Voltmeter
LDI35CFD CARLOGAVAZZI-LDI35CFD Datasheet
66Kb / 3P
Panel Meters and Controllers Temperature Meter/Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com