Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI372AV5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DI372AV5
Description  Panel Meters and Controllers AC Ammeter or Voltmeter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DI372AV5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DI372AV5 Datasheet HTML 1Page - List of Unclassifed Manufacturers DI372AV5 Datasheet HTML 2Page - List of Unclassifed Manufacturers DI372AV5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice
DI3-72 AV1/AV5
Dimensions (mm)
AC supply
230 VAC, -15% +10%,
50/60 Hz (standard)
24 VAC, 48 VAC, 115 VAC,
-15% +10%, 50/60 Hz
(on request)
Power consumption
3.2 VA
Supply Specifications
Range
Connection
Decimal point Resolution
Voltage drop Input imp.
Range code
position
ammeters
voltmeters
1A/100 V
Direct 1A
Direct 100 V
999/99.9
1 mA/0.1 V
1 V
1 M
Ω
AV1
5A/500 V
Direct 5A
Direct 500 V
9.99/999
10 mA/1 V
250 mV
1 M
Ω
AV5
10 A
CT10/1 A
CT10/5 A
9.99
10 mA
1 V/250 mV
AV1/AV5
15 A
CT15/1 A
CT15/5 A
99.9
100 mA
1 V/250 mV
AV1/AV5
25 A
CT25/1 A
CT25/5 A
99.9
100 mA
1 V/250 mV
AV1/AV5
40 A
CT40/1 A
CT40/5 A
99.9
100 mA
1 V/250 mV
AV1/AV5
50 A
CT50/1 A
CT50/5 A
99.9
100 mA
1 V/250 mV
AV1/AV5
60 A
CT60/1 A
CT60/5 A
99.9
100 mA
1 V/250 mV
AV1/AV5
100 A
CT100/1 A
CT100/5 A
99.9
100 mA
1 V/250 mV
AV1/AV5
150 A
CT150/1 A
CT150/5 A
999
1 A
1 V/250 mV
AV1/AV5
220 V
VT220/100 V
999
1 V
1 M
Ω
AV1
250 A
CT250/1 A
CT250/5 A
999
1 A
1 V/250 mV
AV1/AV5
380 V
VT380/100 V
999
1 V
1 M
Ω
AV1
400 A
CT400/1 A
CT400/5 A
999
1 A
1 V/250 mV
AV1/AV5
500 A/V
CT500/1 A
VT500/100 V
999
1 A/V
1 V
1 M
Ω
AV1
500 A
CT500/5 A
999
1 A
250 mV
AV5
600 A/V
CT600/1 A
VT600/100 V
999
1 A/V
1 V
1 M
Ω
AV1
600 A
CT600/5 A
999
1 A
250 mV
AV5
1000 A/V
CT1000/1 A
VT1000/100 V
999
1 A/V
1 V
1 M
Ω
AV1
1000 A
CT1000/5 A
999
1 A
250 mV
AV5
Range Table
V
A
Front Panel Description
1. Display
3-dgt (maximum read-out 999).
Alphanumeric indication by means of 7-segment display
for:
- Displaying of the measured value, over-range.
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com