Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-AO2EMFTR Datasheet(PDF) 18 Page - Microchip Technology

Part # TC1303B-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-AO2EMFTR Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC1303B-AO2EMFTR Datasheet HTML 14Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 15Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 16Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 17Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 18Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 19Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 20Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 21Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
TC1303B
DS21949A-page 18
© 2005 Microchip Technology Inc.
5.0
APPLICATION
CIRCUITS/ISSUES
5.1
Typical Applications
The TC1303B 500 mA buck regulator + 300 mA LDO
with power-good operates over a wide input voltage
range (2.7V to 5.5V) and is ideal for single-cell Li-Ion
battery-powered applications, USB-powered applica-
tions, three-cell NiMH or NiCd applications and 3V to
5V regulated input applications. The 10-pin MSOP and
3X3 DFN packages provide a small footprint with
minimal external components.
5.2
Fixed Output Application
A typical VOUT1 fixed output voltage application is
shown in “Typical Application Circuits” on page 3. A
4.7 µF VIN1 ceramic input capacitor, 4.7 µF VOUT1
ceramic capacitor, 1.0 µF ceramic VOUT2 capacitor and
4.7 µH inductor make up the entire external component
solution for this dual-output application. No external
dividers or compensation components are necessary.
For this application, the input voltage range is 2.7V to
4.2V, VOUT1 = 1.5V at 500 mA, while VOUT2 =2.5V at
300 mA.
5.3
Adjustable Output Application
A typical VOUT1 adjustable output application is also
shown in “Typical Application Circuits” on page 3.
For this application, the buck regulator output voltage is
adjustable by using two external resistors as a voltage
divider. For adjustable output voltages, it is recom-
mended that the top resistor divider value be 200 k
Ω.
The bottom resistor divider can be calculated using the
following formula:
EQUATION 5-1:
Example:
RTOP =200 kΩ
VOUT1 =2.1V
VFB
=0.8V
RBOT =200 kΩ x (0.8V/(2.1V – 0.8V))
RBOT =123 kΩ (Standard Value = 121 kΩ)
For adjustable output applications, an additional R-C
compensation is necessary for the buck regulator
control loop stability. Recommended values are:
RCOMP =4.99kΩ
CCOMP =33 pF
An additional VIN2 capacitor can be added to reduce
high frequency noise on the LDO input voltage pin
(VIN2). This additional capacitor (1 µF on page 3) is not
necessary for typical applications.
5.4
Input and Output Capacitor
Selection
As with all buck-derived dc-dc switching regulators, the
input current is pulled from the source in pulses. This
places a burden on the TC1303B input filter capacitor.
In most applications, a minimum of 4.7 µF is recom-
mended on VIN1 (buck regulator input voltage pin). In
applications that have high source impedance or have
long leads (10 inches) connecting to the input source,
additional capacitance should be used. The capacitor
type can be electrolytic (aluminum, tantalum, POSCAP,
OSCON) or ceramic. For most portable electronic
applications, ceramic capacitors are preferred due to
their small size and low cost.
For applications that require very low noise on the LDO
output, an additional capacitor (typically 1 µF) can be
added to the VIN2 pin (LDO input voltage pin).
Low ESR electrolytic or ceramic can be used for the
buck regulator output capacitor. Again, ceramic is
recommended because of its physical attributes and
cost. For most applications, a 4.7 µF is recommended.
Refer to Table 5-1 for recommended values. Larger
capacitors (up to 22 µF) can be used. There are some
advantages in load step performance when using
larger value capacitors. Ceramic materials X7R and
X5R have low temperature coefficients and are well
within the acceptable ESR range required.
TABLE 5-1:
TC1303B RECOMMENDED
CAPACITOR VALUES
R
BOT
R
TOP
V
FB
V
OUT1
V
FB
–
--------------------------------
⎝⎠
⎛⎞
×
=
C(VIN1)C(VIN2)COUT1
COUT2
min
4.7 µF
none
4.7 µF
1 µF
max
none
none
22 µF
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com