Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP100P06PLG Datasheet(PDF) 1 Page - NEC

Part # NP100P06PLG
Description  MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP100P06PLG Datasheet(HTML) 1 Page - NEC

  NP100P06PLG Datasheet HTML 1Page - NEC NP100P06PLG Datasheet HTML 2Page - NEC NP100P06PLG Datasheet HTML 3Page - NEC NP100P06PLG Datasheet HTML 4Page - NEC NP100P06PLG Datasheet HTML 5Page - NEC NP100P06PLG Datasheet HTML 6Page - NEC NP100P06PLG Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
NP100P06PLG
SWITCHING
P-CHANNEL POWER MOSFET
DATA SHEET
Document No. D18695EJ3V0DS00 (3rd edition)
Date Published May 2007 NS CP(K)
Printed in Japan
2007
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The NP100P06PLG is P-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP100P06PLG-E1-AY
Note
NP100P06PLG-E2-AY
Note
Pure Sn (Tin)
Tape 800 p/reel
TO-263 (MP-25ZP)
Note Pb-free (This product does not contain Pb in external electrode.)
FEATURES
• Super low on-state resistance
RDS(on)1 = 6.0 m
Ω MAX. (VGS = −10 V, ID = −50 A)
RDS(on)2 = 7.8 m
Ω MAX. (VGS = −4.5 V, ID = −50 A)
• High current rating: ID(DC) = m100 A
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
m100
A
Drain Current (pulse)
Note1
ID(pulse)
m300
A
Total Power Dissipation (TC = 25
°C)
PT1
200
W
Total Power Dissipation (TA = 25
°C)
PT2
1.8
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Single Avalanche Current
Note2
IAS
64
A
Single Avalanche Energy
Note2
EAS
420
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25
°C, VDD = −30 V, RG = 25 Ω, VGS = −20 → 0 V
THERMAL RESISTANCE
Channel to Case Thermal Resistance
Rth(ch-C)
0.75
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
83.3
°C/W
(TO-263)
<R>


Similar Part No. - NP100P06PLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP100P06PLG RENESAS-NP100P06PLG Datasheet
1Mb / 8P
-60V – -100A – P-channel Power MOS FET Application : Automotive
Jun. 24, 2022
NP100P06PLG-E1-AY RENESAS-NP100P06PLG-E1-AY Datasheet
1Mb / 8P
-60V – -100A – P-channel Power MOS FET Application : Automotive
Jun. 24, 2022
NP100P06PLG-E1-AYNote RENESAS-NP100P06PLG-E1-AYNote Datasheet
299Kb / 9P
SWITCHING P-CHANNEL POWER MOS FET
NP100P06PLG-E2-AYNote RENESAS-NP100P06PLG-E2-AYNote Datasheet
299Kb / 9P
SWITCHING P-CHANNEL POWER MOS FET
NP100P06PLG RENESAS-NP100P06PLG_15 Datasheet
299Kb / 9P
SWITCHING P-CHANNEL POWER MOS FET
More results

Similar Description - NP100P06PLG

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com