Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD1SS355 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GD1SS355
Description  SURFACE MOUNT,SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GD1SS355 Datasheet(HTML) 1 Page - GTM CORPORATION

  GD1SS355 Datasheet HTML 1Page - GTM CORPORATION GD1SS355 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/09/20
REVISED DATE :
G
G D
D 11S
S S
S 335555
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 9 0 V, C U R R E N T 0 . 1 A
Description
The GD1SS355 is designed for ultra high speed switching and high reliability with high surge current handling capability.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
:
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
Storage Temperature
Tstg
-55 ~ +125
Maximum Peak Repetitive Reverse Voltage
VRRM
90
V
Maximum RMS Voltage
VRMS
63
V
Maximum DC Blocking Voltage
VDC
80
V
Peak Forward Surge Current at 8.3mSec single half sine-wave
IFSM
0.5
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
3.0
pF
Maximum Reverse Recovery Time (Note2)
TRR
4.0
nSec
Maximum Average Forward Rectified Current
Io
0.1
A
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Characteristics
Symbol
Max
Unit
Test Condition
Maximum Instantaneous Forward Voltage
VF
1.20
V
IF = 100mA
Maximum Average Reverse Current
IR
0.1
uA
VR = 80V
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 6.0 volt.
2. Measured at applied forward current of 10mA and reverse voltage of 6.0 volt.
3. ESD sensitive product handling required.


Similar Part No. - GD1SS355

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD1SS355 ETL-GD1SS355 Datasheet
155Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 9 0 V, C U R R E N T 0 . 1 A
More results

Similar Description - GD1SS355

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com