Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD1SS356 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GD1SS356
Description  SURFACE MOUNT,SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GD1SS356 Datasheet(HTML) 1 Page - GTM CORPORATION

  GD1SS356 Datasheet HTML 1Page - GTM CORPORATION GD1SS356 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GD1SS356
Page: 1/2
ISSUED DATE :2006/01/23
REVISED DATE :
G
G D
D 11S
S S
S 335566
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, B
B A
A N
N D
D S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 3 5 V, C U R R E N T 0 . 1 A
Description
The GD1SS356 is designed for high frequency switching application.
Features
&High reliability
&Small mode type
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Reverse Voltage(DC)
VR
35
V
Forward Current(DC)
IF
100
mA
Junction Temperature
Tj
+125
:
Storage Temperature
Tstg
-55 ~ +150
:
Total Power Dissipation
PD
225
mW
Electrical Characteristics at Ta = 25 ::::
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown
VR
35
-
-
V
IR=10uA
Reverse Current(DC)
IR
-
-
10
nA
VR=25V
Reverse Voltage(DC)
VF
-
-
1
V
IF=10mA
Diode Capacitance
CD
-
0.9
1.2
pF
VR=6, f=1MHz
Forward dynamic resistance
rf
-
0.65
0.9
IF=2mA, f=100MHz
Note 1: Rated input/output frequency: 100MHz


Similar Part No. - GD1SS356

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD1SS356 ETL-GD1SS356 Datasheet
142Kb / 2P
The GD1SS356 is designed for high frequency switching application.
More results

Similar Description - GD1SS356

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com