Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSCLM393 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSCLM393
Description  DUAL DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCLM393 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSCLM393 Datasheet HTML 1Page - GTM CORPORATION GSCLM393 Datasheet HTML 2Page - GTM CORPORATION GSCLM393 Datasheet HTML 3Page - GTM CORPORATION GSCLM393 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CORPORATION
GSCLM393
Page: 1/4
ISSUED DATE :2004/04/19
REVISED DATE :2005/10/05C
G
G S
S C
C L
L M
M 339933
D
D U
U A
A L
L D
D II F
F F
F E
E R
R E
E N
N T
T II A
A L
L C
C O
O M
M P
P A
A R
R A
A T
T O
O R
R
Description
The GSCLM393 consists of two independent voltage comparators, designed specifically to operate from a single power
over a wide voltage range.
Features
*Single or dual supply operation.
*Wide operating supply range (Vcc=2V~36V or ±1 to ±18V).
*Input common-mode voltage includes ground.
*Low supply current drain ICC =0.8mA (Typical).
*Low input bias current Ibias=25nA (Typical)
*Output compatible with TTL, DTL, and CMOS logic system.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Pin Configurations
Block Diagram
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc
±18 or 36
V
Differential Input Voltage
VIDiff
36
V
Input voltage
VI
-0.3~36
V
Power Dissipation
PD
570
mW
Operating Temperature
Topr
0~+70
:
Storage Temperature
Tstg
-65 to 150
:


Similar Part No. - GSCLM393

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
D U A L D I F F E R E N T I A L C O M P A R AT O R
More results

Similar Description - GSCLM393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_10 Datasheet
164Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com