Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS18N25C Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS18N25C
Description  N-CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS18N25C Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS18N25C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS18N25C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
JCS18N25C
R
版本:202005B
5/11
S
10
S
D
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
100
10
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom 5V
100
10
1
0.1
0.01
Notes:
1.
250μs pulse test
2. T
C
=25℃
1
0.1
0.1
1
10
V
D S
[V]
2
4
6
8
10
V
G S
[V ]
0 . 7 0
0 . 6 5
0 . 6 0
0 . 5 5
0 . 5 0
0 . 4 5
0 . 4 0
0 . 3 5
0 . 3 0
0 . 2 5
0 . 2 0
0 . 1 5
0 . 1 0
0 . 0 5
10
1
t
0.1
0
4
8
12
16
20
24
28
32
36
40
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
[ A]
V
S
[ V ]
12
10
8
6
4
2
0
0
10
20
Q
g
Toltal Gate Charge [nC]
On-Region Characteristics
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
I
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com