Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8138
Description  Low Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8138 Datasheet HTML 16Page - Analog Devices AD8138 Datasheet HTML 17Page - Analog Devices AD8138 Datasheet HTML 18Page - Analog Devices AD8138 Datasheet HTML 19Page - Analog Devices AD8138 Datasheet HTML 20Page - Analog Devices AD8138 Datasheet HTML 21Page - Analog Devices AD8138 Datasheet HTML 22Page - Analog Devices AD8138 Datasheet HTML 23Page - Analog Devices AD8138 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8138
Rev. G | Page 21 of 24
HIGH PERFORMANCE ADC DRIVING
The circuit in Figure 46 shows a simplified front-end
connection for an AD8138 driving an AD9224, a 12-bit,
40 MSPS ADC. The ADC works best when driven differentially,
which minimizes its distortion. The AD8138 eliminates the
need for a transformer to drive the ADC and performs single-
ended-to-differential conversion, common-mode level-shifting,
and buffering of the driving signal.
The positive and negative outputs of the AD8138 are connected
to the respective differential inputs of the AD9224 via a pair of
49.9 Ω resistors to minimize the effects of the switched-capacitor
front end of the AD9224. For best distortion performance, it
runs from supplies of ±5 V.
The AD8138 is configured with unity gain for a single-ended,
input-to-differential output. The additional 23 Ω, 523 Ω total, at
the input to −IN is to balance the parallel impedance of the
50 Ω source and its 50 Ω termination that drives the
noninverting input.
The signal generator has a ground-referenced, bipolar output,
that is, it drives symmetrically above and below ground.
Connecting VOCM to the CML pin of the AD9224 sets the output
common-mode of the AD8138 at 2.5 V, which is the midsupply
level for the AD9224. This voltage is bypassed by a 0.1 µF
capacitor.
The full-scale analog input range of the AD9224 is set to
4 V p-p, by shorting the SENSE terminal to AVSS. This has
been determined to be the scaling to provide minimum
harmonic distortion.
For the AD8138 to swing at 4 V p-p, each output swings 2 V p-p
while providing signals that are 180° out of phase. With a
common-mode voltage at the output of 2.5 V, each AD8138
output swings between 1.5 V and 3.5 V.
A ground-referenced 4 V p-p, 5 MHz signal at DIN+ was used to
test the circuit in Figure 46. When the combined-device circuit
was run with a sampling rate of 20 MSPS, the spurious-free
dynamic range (SFDR) was measured at −85 dBc.
49.9Ω
0.1µF
523Ω
499Ω
49.9Ω
499Ω
499Ω
VINB
+5V
DRVDD
AVDD
VINA
+5V
AD9224
VOCM
AD8138
–5V
SENSE
+
DIGITAL
OUTPUTS
0.1µF
0.1µF
DRVSS
CML
AVSS
49.9Ω
50Ω
SOURCE
8
2
1
6
3
5
4
24
23
15 26
16 25
28
17
22
27
Figure 46. AD8138 Driving an AD9224, a 12-Bit, 40 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com