Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD8351ARMZ Datasheet HTML 1Page - Analog Devices AD8351ARMZ Datasheet HTML 2Page - Analog Devices AD8351ARMZ Datasheet HTML 3Page - Analog Devices AD8351ARMZ Datasheet HTML 4Page - Analog Devices AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
AD8351
Rev. D | Page 3 of 19
SPECIFICATIONS
VS = 5 V, RL = 150 Ω, RG = 110 Ω (AV = 10 dB), f = 70 MHz, T = 25°C, parameters specified differentially, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
GAIN = 6 dB, VOUT ≤ 1.0 V p-p
3,000
MHz
GAIN = 12 dB, VOUT ≤ 1.0 V p-p
2,200
MHz
GAIN = 18 dB, VOUT ≤ 1.0 V p-p
600
MHz
Bandwidth for 0.1 dB Flatness
0 dB ≤ GAIN ≤ 20 dB, VOUT ≤ 1.0 V p-p
200
MHz
Bandwidth for 0.2 dB Flatness
0 dB ≤ GAIN ≤ 20 dB, VOUT ≤ 1.0 V p-p
400
MHz
Gain Accuracy
Using 1% resistor for RG, 0 dB ≤ AV ≤ 20 dB
±1
dB
Gain Supply Sensitivity
VS ± 5%
0.08
dB/V
Gain Temperature Sensitivity
−40°C to +85°C
3.9
mdB/°C
Slew Rate
RL = 1 kΩ, VOUT = 2 V step
13,000
V/μs
RL = 150 Ω, VS = 2 V step
7,500
V/μs
Settling Time
1 V step to 1%
<3
ns
Overdrive Recovery Time
VIN = 4 V to 0 V step, VOUT ≤ ±10 mV
<2
ns
Reverse Isolation (S12)
−67
dB
INPUT/OUTPUT CHARACTERISTICS
Input Common-Mode Voltage Adjustment Range
1.2 to 3.8
V
Max Output Voltage Swing
1 dB compressed
4.75
V p-p
Output Common-Mode Offset
40
mV
Output Common-Mode Drift
−40°C to +85°C
0.24
mV/°C
Output Differential Offset Voltage
20
mV
Output Differential Offset Drift
−40°C to +85°C
0.13
mV/°C
Input Bias Current
±15
μA
Input Resistance1
5
kΩ
Input Capacitance1
0.8
pF
CMRR
43
dB
Output Resistance1
150
Ω
Output Capacitance1
0.8
pF
POWER INTERFACE
Supply Voltage
3
5.5
V
PWUP Threshold
1.3
V
PWUP Input Bias Current
PWUP at 5 V
100
μA
PWUP at 0 V
25
μA
Quiescent Current
28
32
mA
NOISE/DISTORTION
10 MHz
Second/Third Harmonic Distortion2
RL = 1 kΩ, VOUT = 2 V p-p
−95/−93
dBc
RL = 150 Ω, VOUT = 2 V p-p
−80/−69
dBc
Third-Order IMD
RL = 1 kΩ, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p composite
−90
dBc
RL = 150 Ω, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p composite
−70
dBc
Output Third-Order Intercept
f1 = 9.5 MHz, f2 = 10.5 MHz
33
dBm
Noise Spectral Density (RTI)
2.65
nV/√Hz
1 dB Compression Point
13.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com