Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8505ARJZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8505ARJZ-R7
Description  20 μA Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505ARJZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8505ARJZ-R7 Datasheet HTML 8Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 9Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 10Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 11Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 12Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 13Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 14Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 15Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD8505/AD8506/AD8508
Data Sheet
Rev. F | Page 12 of 21
TA = 25°C, unless otherwise noted.
TIME (100µs/DIV)
VSY = 1.8V
RL = 100kΩ
CL = 200pF
G = 1
Figure 37. Large-Signal Transient Response
TIME (100µs/DIV)
VSY = 1.8V
RL = 100kΩ
CL = 200pF
G = 1
Figure 38. Small-Signal Transient Response
TIME (4s/DIV)
VSY = 1.8V AND 5V
2.78µV p-p
Figure 39. Input Voltage Noise 0.1 Hz to 10 Hz
TIME (100µs/DIV)
VSY = 5V
RL = 100kΩ
CL = 200pF
G = 1
Figure 40. Large-Signal Transient Response
TIME (100µs/DIV)
VSY = 5V
RL = 100kΩ
CL = 200pF
G = 1
Figure 41. Small-Signal Transient Response
1k
100
10
1
1
10
100
1k
10k
FREQUENCY (Hz)
VSY = 1.8V AND 5V
Figure 42. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com