Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8597ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8597ACPZ-R2
Description  Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8597ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8597ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8597/AD8599
Rev. F | Page 11 of 20
1
10
100
1k
50k
10k
50
–30
–20
–10
0
10
20
30
40
–40
FREQUENCY (kHz)
AD8597
AV = 1
AV = 10
AV = 100
VSY = ±5V
RL = 2kΩ
Figure 34. Closed-Loop Gain vs. Frequency
100
0.1
1
10
0.01
10
100
1k
10k
100k
FREQUENCY (kHz)
AD8597
VSY = ±5V
AV = –100
AV = –10
AV = +1
Figure 35. Closed-Loop Output Impedance vs. Frequency
110
30
60
90
40
70
100
50
80
20
1
10
100
1k
10k
FREQUENCY (kHz)
AD8597
VSY = ±5V, ±15V
Figure 36. Common-Mode Rejection Ratio vs. Frequency
1
10
100
1k
50k
10k
50
–30
–20
–10
0
10
20
30
40
–40
FREQUENCY (kHz)
AD8597
AV = 1
AV = 10
AV = 100
VSY = ±15V
RL = 2kΩ
Figure 37. Closed-Loop Gain vs. Frequency
100
0.1
1
10
0.01
10
100
1k
10k
100k
FREQUENCY (kHz)
AD8597
VSY = ±15V
AV = –100
AV = –10
AV = +1
Figure 38. Closed-Loop Output Impedance vs. Frequency
100
1k
10k
100k
1M
120
100
80
FREQUENCY (Hz)
10M
60
40
20
0
–20
PSRR+ (dB)
PSRR– (dB)
AD8599
±5V ≤ VSY ≤ ±15V
Figure 39. Power Supply Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com